Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5035 Datasheet(PDF) 18 Page - Texas Instruments

Part # LM5035
Description  PWM Controller With Integrated Half-Bridge and SyncFET Drivers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5035 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM5035_15 Datasheet HTML 14Page - Texas Instruments LM5035_15 Datasheet HTML 15Page - Texas Instruments LM5035_15 Datasheet HTML 16Page - Texas Instruments LM5035_15 Datasheet HTML 17Page - Texas Instruments LM5035_15 Datasheet HTML 18Page - Texas Instruments LM5035_15 Datasheet HTML 19Page - Texas Instruments LM5035_15 Datasheet HTML 20Page - Texas Instruments LM5035_15 Datasheet HTML 21Page - Texas Instruments LM5035_15 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
HO
SR1
LO
SR2
T1
T2
T1
T2
LM5035
SNVS428H – JANUARY 2006 – REVISED OCTOBER 2015
www.ti.com
Feature Description (continued)
7.3.13 Synchronous Rectifier Control Outputs (SR1 and SR2)
Synchronous rectification (SR) of the transformer secondary provides higher efficiency, especially for low-output
voltage converters. The reduction of rectifier forward-voltage drop (0.5 V – 1.5 V) to 10 mV – 200 mV VDS voltage
for a MOSFET, significantly reduces rectification losses. In a typical application, the transformer secondary
winding is center tapped, with the output-power inductor in series with the center tap. The SR MOSFETs provide
the ground path for the energized secondary winding and the inductor current. Figure 14 shows that the SR2
MOSFET is conducting while HO enables power transfer from the primary. The SR1 MOSFET must be disabled
during this period, because the secondary winding connected to the SR1 MOSFET drain is twice the voltage of
the center tap. At the conclusion of the HO pulse, the inductor current continues to flow through the SR1
MOSFET body diode. Because the body diode causes more loss than the SR MOSFET, efficiency can be
improved by minimizing the T2 period, while maintaining sufficient timing margin over all conditions (component
tolerances, and so on) to prevent shoot-through current. When LO enables power transfer from the primary, the
SR1 MOSFET is enabled, and the SR2 MOSFET is off.
Figure 14. HO, LO, SR1 and SR2 Timing Diagram
During the time that neither HO nor LO is active, the inductor current is shared between both the SR1 and SR2
MOSFETs, which effectively shorts the transformer secondary and cancels the inductance in the windings. The
SR2 MOSFET is disabled before LO delivers power to the secondary to prevent power being shunted to ground.
The SR2 MOSFET body diode continues to carry about half the inductor current until the primary power raises
the SR2 MOSFET drain voltage and reverse biases the body diode. Ideally, dead-time T1 would be set to the
minimum time that allows the SR MOSFET to turn off before the SR MOSFET body diode starts conducting.
The SR1 and SR2 outputs are powered directly by the VCC regulator. Each output is capable of sourcing and
sinking 0.5-A peak. Typically, the SR1 and SR2 signals control SR MOSFET gate drivers through a pulse
transformer. The actual gate sourcing and sinking currents are provided by the secondary-side bias supply and
gate drivers.
The timing of SR1 and SR2 with respect to HO and LO is shown in Figure 14. SR1 is configured out-of-phase
with HO, and SR2 is configured out-of-phase with LO. The dead time between transitions is programmable by a
resistor connected from the DLY pin to the AGND pin. Typically, RDLY is set in the range of 10 kΩ to 100 kΩ. The
dead-time periods can be calculated using Equation 4 and Equation 5:
T1 = [RDLY × 2.8 ps] + 20 ns
(4)
T2 = [RDLY × 1.35 ps] + 6 ns
(5)
To set the minimum dead time (propagation delays only), the DLY pin must be left open or connected to the REF
pin. Any resistor value above 300 k
Ω connected between the DLY pin and AGND will also provide the minimum
period (approximately 5 ns).
18
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM5035


Similar Part No. - LM5035_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5035A NSC-LM5035A Datasheet
601Kb / 30P
   PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
logo
Texas Instruments
LM5035A TI1-LM5035A Datasheet
1Mb / 38P
[Old version datasheet]   PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035A TI-LM5035A Datasheet
1Mb / 40P
[Old version datasheet]   PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
National Semiconductor ...
LM5035AMH NSC-LM5035AMH Datasheet
601Kb / 30P
   PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
LM5035AMH-1 NSC-LM5035AMH-1 Datasheet
601Kb / 30P
   PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
More results

Similar Description - LM5035_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5035A TI-LM5035A_15 Datasheet
1Mb / 40P
[Old version datasheet]   PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035C TI-LM5035C_15 Datasheet
1Mb / 35P
[Old version datasheet]   PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
National Semiconductor ...
LM5035B NSC-LM5035B Datasheet
553Kb / 28P
   PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
Texas Instruments
LM5035A TI1-LM5035A_14 Datasheet
1Mb / 38P
[Old version datasheet]   PWM Controller with Integrated Half-Bridge and SyncFET Drivers
logo
National Semiconductor ...
LM5035 NSC-LM5035 Datasheet
922Kb / 28P
   PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035C NSC-LM5035C Datasheet
552Kb / 28P
   PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035A NSC-LM5035A Datasheet
601Kb / 30P
   PWM Controller with Integrated Half-Bridge and SyncFET PWM Controller with Integrated Half-Bridge and SyncFET
logo
Texas Instruments
LM5035B TI-LM5035B Datasheet
1Mb / 36P
[Old version datasheet]   LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5035B TI-LM5035B_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM5035B PWM Controller with Integrated Half-Bridge and SyncFET Drivers
LM5045MH TI-LM5045MH Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com