Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4140CCM-2.5 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM4140CCM-2.5
Description  High Precision Low Noise Low Dropout Voltage Reference
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4140CCM-2.5 Datasheet(HTML) 4 Page - Texas Instruments

  LM4140CCM-2.5 Datasheet HTML 1Page - Texas Instruments LM4140CCM-2.5 Datasheet HTML 2Page - Texas Instruments LM4140CCM-2.5 Datasheet HTML 3Page - Texas Instruments LM4140CCM-2.5 Datasheet HTML 4Page - Texas Instruments LM4140CCM-2.5 Datasheet HTML 5Page - Texas Instruments LM4140CCM-2.5 Datasheet HTML 6Page - Texas Instruments LM4140CCM-2.5 Datasheet HTML 7Page - Texas Instruments LM4140CCM-2.5 Datasheet HTML 8Page - Texas Instruments LM4140CCM-2.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LM4140
SNVS053E – JUNE 2000 – REVISED APRIL 2013
www.ti.com
LM4140
Electrical Charateristics (continued)
Unless otherwise specified, VIN = 3.0V for the LM4140-1.024 and LM4140-1.250, VIN = 5.0V for all other voltage options, VEN
= VIN. COUT = 1μF
(1), I
LOAD = 1mA, TA = TJ = 25°C. Limits with standard typeface are for TA = 25°C, and limits in boldface
type apply over 0°C to 70°C temperature range.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(2)
(3)
(2)
TCVREF/°C
Temperature Coefficient:
0°C
≤ TA ≤ + 70°C
ppm/°C
3
A Grade
6
B Grade
10
C Grade
Line Regulation
1.024V and 1.250V options
1.8V
≤ VIN ≤ 5.5V
50
300
ΔVREF/ΔVIN
ppm/V
350
All other voltage options
Vref + 200mV ≤ VIN ≤ 5.5V
20
200
250
Load Regulation
1 mA
≤ ILOAD ≤ 8mA
All other voltage options
1
20
ΔVREF/ΔILOAD
150
ppm/mA
4.096V Option
5
35
150
ΔVREF
Long-Term Stability
1000 Hrs
60
ppm
ΔVREF
Thermal Hysteresis (5)
0°C
≤ TA ≤ + 70°C
20
ppm
Operating
LM4140-1.024, LM4140-1.250
IL = 1 mA to 8 mA
1.8
5.5
V
Voltage
Dropout Voltage (6)
IL = 1 mA
20
40
LM4140-2.048, LM4140-2.500
45
IL = 8 mA
160
235
400
VIN-VREF
mV
LM4140-4.096
IL = 1 mA
20
40
45
IL = 8 mA
195
270
490
VN
Output Noise Voltage (7)
0.1 Hz to 10 Hz
2.2
μVPP
IS(ON)
Supply Current
ILOAD = 0 mA
All other voltage options
230
320
375
μA
4.096V Option
265
350
400
IS(OFF)
Supply Current
VEnable < 0.4V
.01
1
μA
VH
Logic High Input Voltage
0.8VIN
V
IH
Logic High Input Current
2
nA
VL
Logic Low Input Voltage
0.4
V
IL
Logic Low Input Current
1
nA
ISC
Short Circuit Current
8.5
20
35
mA
40
(5)
Thermal hysteresis is defined as the changes in +25°C output voltage before and after the cycling of the device from 0°C to 70°C.
(6)
Dropout voltage is defined as the minimum input to output differential voltage at which the output voltage drops by 0.5% below the value
measured with VIN = 3.0V for the LM4140-1.024 and LM4140-1.250, VIN = 5.0V for all other voltage options.
(7)
The output noise is based on 1.024V option. Output noise is linearly proportional to VREF.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM4140


Similar Part No. - LM4140CCM-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4140CCM-2.5 NSC-LM4140CCM-2.5 Datasheet
439Kb / 15P
   High Precision Low Noise Low Dropout Voltage
LM4140CCM-2.5 NSC-LM4140CCM-2.5 Datasheet
878Kb / 15P
   High Precision Low Noise Low Dropout Voltage
More results

Similar Description - LM4140CCM-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4140 NSC-LM4140 Datasheet
439Kb / 15P
   High Precision Low Noise Low Dropout Voltage
logo
Texas Instruments
LM4132 TI1-LM4132 Datasheet
1Mb / 41P
[Old version datasheet]   Precision Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4140 NSC-LM4140_05 Datasheet
878Kb / 15P
   High Precision Low Noise Low Dropout Voltage
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com