Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5025B Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5025B
Description  LM5025B Active Clamp Voltage Mode PWM Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5025B Datasheet(HTML) 1 Page - Texas Instruments

  LM5025B_15 Datasheet HTML 1Page - Texas Instruments LM5025B_15 Datasheet HTML 2Page - Texas Instruments LM5025B_15 Datasheet HTML 3Page - Texas Instruments LM5025B_15 Datasheet HTML 4Page - Texas Instruments LM5025B_15 Datasheet HTML 5Page - Texas Instruments LM5025B_15 Datasheet HTML 6Page - Texas Instruments LM5025B_15 Datasheet HTML 7Page - Texas Instruments LM5025B_15 Datasheet HTML 8Page - Texas Instruments LM5025B_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM5025B
www.ti.com
SNVS354B – JULY 2005 – REVISED MARCH 2013
LM5025B Active Clamp Voltage Mode PWM Controller
Check for Samples: LM5025B
1
FEATURES
DESCRIPTION
The LM5025B is a functional variant of the LM5025
2
Internal Start-Up Bias Regulator
active
clamp
PWM
controller.
The
functional
3A Compound Main Gate Driver
differences of the LM5025B are as follows:
Programmable Line Under-Voltage Lockout
The maximum PWM duty cycle is limited to less
(UVLO) with Adjustable Hysteresis
than 75% to reduce voltage stress on the power
MOSFETs.
Voltage Mode Control with Feed-Forward
The CS2 hiccup mode threshold is increased to
Adjustable Dual Mode Over-Current Protection
0.5V
Programmable Overlap or Deadtime between
The CS2 filter discharge device is disabled
the Main and Active Clamp Outputs
The VCC regulator continues to operate when the
Volt x Second Maximum Duty Cycle Clamp
line UVLO is below the threshold of normal
Programmable Soft-Start
operation
Current Sense Leading Edge Blanking
The VREF regulator is switched off when the line
UVLO input falls below the operating threshold
Single Resistor Programmable Oscillator
The internal 5k
Ω COMP pin pull-up resistor is
Oscillator Up / Down Sync Capability
removed
Precision 5V Reference
The LM5025B PWM controller contains all of the
Thermal Shutdown
features necessary to implement power converters
utilizing the Active Clamp / Reset technique. With the
PACKAGES
active
clamp
technique,
higher
efficiencies
and
TSSOP-16
greater power densities can be realized compared to
conventional catch winding or RDC clamp / reset
WSON-16 (5x5 mm) Thermally Enhanced
techniques. Two control outputs are provided, the
main power switch control (OUT_A) and the active
clamp switch control (OUT_B). The two internal
compound gate drivers parallel both MOS and Bipolar
devices, providing superior gate drive characteristics.
This controller is designed for high-speed operation
including an oscillator frequency range up to 1MHz
and total PWM and current sense propagation delays
less than 100ns.
The
LM5025B
includes
a
high-voltage
start-up
regulator that operates over a wide input range of
13V to 100V. Additional features include: Line Under
Voltage
Lockout
(UVLO),
softstart,
oscillator
UP/DOWN sync capability, precision reference and
thermal shutdown.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5025B_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5025BMTC NSC-LM5025BMTC Datasheet
708Kb / 16P
   Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025BMTC/NOPB TI1-LM5025BMTC/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
logo
National Semiconductor ...
LM5025BMTCX NSC-LM5025BMTCX Datasheet
708Kb / 16P
   Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025BMTCX/NOPB TI1-LM5025BMTCX/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
logo
National Semiconductor ...
LM5025BSD NSC-LM5025BSD Datasheet
708Kb / 16P
   Active Clamp Voltage Mode PWM Controller
More results

Similar Description - LM5025B_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5025 TI1-LM5025_16 Datasheet
1Mb / 32P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
LM5025A TI-LM5025A_15 Datasheet
1Mb / 23P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
LM5025D TI-LM5025D_15 Datasheet
709Kb / 31P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
LM5025B TI1-LM5025B Datasheet
1Mb / 24P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
logo
National Semiconductor ...
LM5025C NSC-LM5025C Datasheet
378Kb / 16P
   Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025A TI1-LM5025A Datasheet
1Mb / 23P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
logo
National Semiconductor ...
LM5025B NSC-LM5025B Datasheet
708Kb / 16P
   Active Clamp Voltage Mode PWM Controller
LM5025A NSC-LM5025A Datasheet
698Kb / 16P
   Active Clamp Voltage Mode PWM Controller
LM5025 NSC-LM5025 Datasheet
316Kb / 16P
   Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025A TI1-LM5025A_14 Datasheet
1Mb / 22P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com