Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5015 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM5015
Description  High Voltage Monolithic Two-Switch Forward DC-DC Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5015 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5015 Datasheet HTML 3Page - Texas Instruments LM5015 Datasheet HTML 4Page - Texas Instruments LM5015 Datasheet HTML 5Page - Texas Instruments LM5015 Datasheet HTML 6Page - Texas Instruments LM5015 Datasheet HTML 7Page - Texas Instruments LM5015 Datasheet HTML 8Page - Texas Instruments LM5015 Datasheet HTML 9Page - Texas Instruments LM5015 Datasheet HTML 10Page - Texas Instruments LM5015 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
2
4
6
8
10
12
14
VCC (V)
180
185
190
195
200
205
210
1
10
100
1000
10000
FREQUENCY (kHz)
-10
0
10
20
30
40
50
60
70
-120
-90
-60
-30
0
30
60
90
120
Gain
Phase
-50
0
50
100
150
TEMPERATURE (°C)
190
195
200
205
210
10
100
1000
10
100
1000
RT (k:)
-50
0
50
100
150
TEMPERATURE (°C)
1.1
1.15
1.2
1.25
1.3
VCC = 7V
VCC = 14V
VCC = 4.25V
2
4
6
8
10
12
14
VCC (V)
0.0
1.4
0.2
0.4
0.6
0.8
1.0
1.2
Temperature = 25°C
LM5015
www.ti.com
SNVS538C – NOVEMBER 2007 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
ILIM
vs
ILIM
VCC
vs
vs
VCC
Temperature
Figure 7.
Figure 8.
Fsw
Fsw
vs
vs
RRT
Temperature
Figure 9.
Figure 10.
Fsw
vs
VCC
Error Amplifier Gain/Phase
Figure 11.
Figure 12.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5015


Similar Part No. - LM5015

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5015 NSC-LM5015 Datasheet
389Kb / 24P
   High Voltage Monolithic Two-Switch Forward DC-DC Regulator
logo
Texas Instruments
LM5015 TI1-LM5015 Datasheet
1Mb / 28P
[Old version datasheet]   High Voltage Monolithic Two-Switch Forward DC-DC Regulator
logo
National Semiconductor ...
LM5015MH NSC-LM5015MH Datasheet
389Kb / 24P
   High Voltage Monolithic Two-Switch Forward DC-DC Regulator
LM5015MHE NSC-LM5015MHE Datasheet
389Kb / 24P
   High Voltage Monolithic Two-Switch Forward DC-DC Regulator
LM5015MHX NSC-LM5015MHX Datasheet
389Kb / 24P
   High Voltage Monolithic Two-Switch Forward DC-DC Regulator
More results

Similar Description - LM5015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5015 TI1-LM5015_14 Datasheet
1Mb / 28P
[Old version datasheet]   High Voltage Monolithic Two-Switch Forward DC-DC Regulator
logo
National Semiconductor ...
LM5015 NSC-LM5015 Datasheet
389Kb / 24P
   High Voltage Monolithic Two-Switch Forward DC-DC Regulator
logo
Monolithic Power System...
MP6002 MPS-MP6002 Datasheet
511Kb / 15P
   Monolithic Flyback/Forward DC-DC Converter
EV6001DN-00A MPS-EV6001DN-00A Datasheet
222Kb / 5P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6001DN-00B MPS-EV6001DN-00B Datasheet
234Kb / 7P
   Monolithic Flyback/Forward DC-DC Converter EV Board
EV6001DN-01A MPS-EV6001DN-01A Datasheet
215Kb / 5P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6003-N-00A MPS-EV6003-N-00A Datasheet
691Kb / 9P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6002DN-00A MPS-EV6002DN-00A Datasheet
149Kb / 5P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
MP6001 MPS-MP6001 Datasheet
522Kb / 13P
   Monolithic Flyback/Forward dd-DC Converter
logo
Power Integrations, Inc...
DPA422GN POWERINT-DPA422GN Datasheet
1Mb / 20P
   DPA-Switch DC-DC Forward Converter Design Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com