Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4051CIM3-ADJ Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4051CIM3-ADJ
Description  Precision Micropower Shunt Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4051CIM3-ADJ Datasheet(HTML) 5 Page - Texas Instruments

  LM4051CIM3-ADJ Datasheet HTML 1Page - Texas Instruments LM4051CIM3-ADJ Datasheet HTML 2Page - Texas Instruments LM4051CIM3-ADJ Datasheet HTML 3Page - Texas Instruments LM4051CIM3-ADJ Datasheet HTML 4Page - Texas Instruments LM4051CIM3-ADJ Datasheet HTML 5Page - Texas Instruments LM4051CIM3-ADJ Datasheet HTML 6Page - Texas Instruments LM4051CIM3-ADJ Datasheet HTML 7Page - Texas Instruments LM4051CIM3-ADJ Datasheet HTML 8Page - Texas Instruments LM4051CIM3-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LM4051-ADJ (Adjustable)
Electrical Characteristics
Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TJ = 25˚C unless otherwise specified (SOT-23, see (Note 7)
,I
RMIN
≤ I
R
≤ 12 mA, V
REF
≤ V
OUT
≤ 10V. The grades A, B and C designate initial Reference Voltage Tolerances of ±0.1%,
±0.2% and ±0.5%, respectively for V
OUT = 5V.
Symbol
Parameter
Conditions
Typical
(Note 4)
LM4051AIM3
LM4051AEM3
(Limits)
(Note 5)
LM4051BIM3
LM4051BEM3
(Limits)
(Note 5)
LM4051CIM3
LM4051CEM3
(Limits)
(Note 5)
Units
(Limit)
VREF
Reference Voltage
IR = 100 µA, VOUT = 5V
1.212
V
Reference Voltage Tolerance
(Note 6), (Note 8)
IR = 100 µA, VOUT =5V
±1.2
±2.4
±6
mV (max)
Industrial Temp. Range
±5.2
±6.4
±10.1
mV (max)
Extended Temp. Range
±7.4
±8.6
±12.2
mV (max)
IRMIN
Minimum Operating Current
36
µA
60
60
65
µA (max)
Industrial Temp. Range
65
65
70
µA (max)
Extended Temp. Range
70
70
75
µA (max)
∆VREF/∆IR Reference Voltage Change
with Operating Current
Change
IRMIN ≤ IR ≤ 1mA
VOUT ≥ 1.6V
(Note 7)
0.3
mV
1.1
1.1
1.1
mV(max)
1.5
1.5
1.5
mV(max)
1mA
≤ IR ≤ 12 mA
VOUT ≥ 1.6V(Note 7)
0.6
mV
6
6
6
mV (max)
888
mV (max)
∆VREF/∆VO Reference Voltage
Changewith Output Voltage
Change
IR = 0.1 mA
−1.69
mV/V
−2.8
−2.8
−2.8
mV/V (max)
−3.5
−3.5
−3.5
mV/V (max)
IFB
Feedback Current
70
nA
130
130
130
nA (max)
150
150
150
nA (max)
∆VREF/∆T
Average Reference Voltage
Temperature Coefficient
(Note 8)
VOUT = 2.5V
IR = 10mA
20
ppm/˚C
IR = 1mA
15
ppm/˚C
IR =100µA
15
±50
±50
±50
ppm/˚C (max)
∆T = −40˚C to +125˚C
ZOUT
Dynamic Output Impedance
IR = 1 mA,
f = 120 Hz,
IAC = 0.1 IR
VOUT =VREF
VOUT = 10V
0.3
2
eN
Wideband Noise
IR = 100 µA
VOUT =VREF
10 Hz
≤ f ≤ 10 kHz
20
µVrms
∆VREF
Reference Voltage
Long Term Stability
(Note 9)
t = 1000 hrs,
IR = 100 µA
T = 25˚C ±0.1˚C
120
ppm
VHYST
Thermal Hysteresis
(Note 10)
∆T = −40˚C to +125˚C
0.3
mV/V
www.national.com
4


Similar Part No. - LM4051CIM3-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051CIM3-ADJ NSC-LM4051CIM3-ADJ Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
LM4051CIM3-ADJ NSC-LM4051CIM3-ADJ Datasheet
743Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4051CIM3-ADJ TI1-LM4051CIM3-ADJ Datasheet
779Kb / 16P
[Old version datasheet]   LM4051 Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4051CIM3-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com