Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S10783 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S10783
Description  Si PIN photodiodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10783 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S10783_15 Datasheet HTML 1Page - Hamamatsu Corporation S10783_15 Datasheet HTML 2Page - Hamamatsu Corporation S10783_15 Datasheet HTML 3Page - Hamamatsu Corporation S10783_15 Datasheet HTML 4Page - Hamamatsu Corporation S10783_15 Datasheet HTML 5Page - Hamamatsu Corporation S10783_15 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Si PIN photodiodes
S10783, S10784
3
1 pF
0.1
1
10
100
Reverse voltage (V)
(Typ. Ta=25 °C, f=1 MHz)
10 pF
KPINB0358EA
Terminal capacitance vs. reverse voltage
-0.5
0
+0.5
400
600
800
1000
500
700
900
1100
(Typ.)
Wavelength (nm)
+1.0
10
-7
10
-16
-20 -10
0
10
20
30
Ambient temperature (°C)
40
50
60
70
80
10
-15
10
-14
10
-13
10
-12
10
-11
10
-10
10
-9
10
-8
(Typ. VR=2.5 V)
KPINB0357EA
KPINB0363EA
Photosensitivity temperature characteristics
Dark current vs. ambient temperature
KPINB0356EA
0.01
100 fA
1 nA
100 pA
10 pA
1 pA
0.1
1
10
100
Reverse voltage (V)
(Typ. Ta=25 °C)
Dark current vs. reverse voltage


Similar Part No. - S10783_15

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
S107 SSOUSA-S107 Datasheet
224Kb / 5P
   1 Form A Solid State Relay
S107-X SSOUSA-S107-X Datasheet
225Kb / 5P
   1 Form A Solid State Relay
S107-X SSOUSA-S107-X_15 Datasheet
441Kb / 8P
   Zero-Volt Cross Switching
logo
Teccor Electronics
S1070W TECCOR-S1070W Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
logo
New Jersey Semi-Conduct...
S1070W NJSEMI-S1070W Datasheet
1Mb / 2P
   Electrical Specifications
More results

Similar Description - S10783_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S2506 HAMAMATSU-S2506_15 Datasheet
163Kb / 5P
   Si PIN photodiodes
S1223 HAMAMATSU-S1223_15 Datasheet
619Kb / 3P
   Si PIN photodiodes
S11499 HAMAMATSU-S11499_15 Datasheet
223Kb / 3P
   Si PIN photodiodes
S8385 HAMAMATSU-S8385_15 Datasheet
179Kb / 4P
   Si PIN photodiodes
S3071 HAMAMATSU-S3071_15 Datasheet
228Kb / 4P
   Si PIN photodiodes
S5971 HAMAMATSU-S5971_15 Datasheet
816Kb / 5P
   Si PIN photodiodes
S3096-02 HAMAMATSU-S3096-02_15 Datasheet
171Kb / 4P
   Si PIN photodiodes
S2506-02 HAMAMATSU-S2506-02_15 Datasheet
163Kb / 5P
   Si PIN photodiodes
S3071 HAMAMATSU-S3071 Datasheet
120Kb / 3P
   Si PIN photodiode Large area, high-speed Si PIN photodiodes
S10355-01 HAMAMATSU-S10355-01_15 Datasheet
152Kb / 4P
   Si photodiodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com