Electronic Components Datasheet Search |
|
S11299 Datasheet(PDF) 7 Page - Hamamatsu Corporation |
|
S11299 Datasheet(HTML) 7 Page - Hamamatsu Corporation |
7 / 8 page Lineup of Si photodiode arrays for X-ray non-destructive inspection Scintillator Type no. Number of elements Element pitch (mm) Element size (mm) Board size (mm) Suitable X-ray energy Photo None* S11212-021* 16 1.575 1.175 (W) × 2.0 (H) 25.4 (W) × 20.0 (H) - * S11299-021* 25.4 (W) × 10.2 (H) Csl(TI) S11212-121 25.4 (W) × 20.0 (H) High-energy S11299-121 25.4 (W) × 10.2 (H) GOS ceramic S11212-321 25.4 (W) × 20.0 (H) S11299-321 25.4 (W) × 10.2 (H) Phosphor sheet S11212-421 25.4 (W) × 20.0 (H) Low-energy S11299-421 25.4 (W) × 10.2 (H) * These photodiode arrays as they are do not function as X-ray detectors. Appropriate scintillators or phosphor sheets should be added at user’s side. The S11212/S11299 series are also compatible with other scintillators than those listed in the above table (custom made devices). Please consult our sales office. Combination examples (for dual energy imaging) Dual energy imaging is a technique that acquires and superimposes two types of data in a single scan by using X-rays at two different energy levels (high energy and low energy). Two photodiode arrays with scintillators are used: one at the upper stage and the other at the lower stage. The upper stage is used for low energy detection, and the lower stage for high energy detection. Arranging two or more of these devices in a row also forms a line sensor for dual energy imaging. This combination uses the S11212 series in both upper and lower stages. · [Upper stage] S11212-421 + [Lower stage] S11212-121 · [Upper stage] S11212-421 + [Lower stage] S11212-321 This combination uses the S11212 series in the upper stage and the S11299 series in the lower stage · [Upper stage] S11212-421 + [Lower stage] S11299-121 · [Upper stage] S11212-421 + [Lower stage] S11299-321 Upper stage: low-energy photodiode array X-ray Lower stage: high-energy photodiode array X-ray Upper stage: low-energy photodiode array Lower stage: high-energy photodiode array 7 16-element Si photodiode arrays S11299 series Note: For details on the S11212 series, refer to the S11212 series datasheet. |
Similar Part No. - S11299_15 |
|
Similar Description - S11299_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |