Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE44668 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44668
Description  SMA Male Connector Crimp - Solder Attachment For PE-C400, 0.400 inch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44668 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44668 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44668 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2013 Pasternack Enterprises All Rights Reserved
2
PE44668 REV
SMA Male Connector Crimp/Solder Attachment For PE-C400, 0.400 inch
PE44668
CAD Drawing


Similar Part No. - PE44668

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4466 PASTERNACK-PE4466 Datasheet
330Kb / 3P
   TNC Female Bulkhead Connector Crimp/Solder Attachment For RG174, RG316, RG188, .480 inch D Hole
PE4466 PASTERNACK-PE4466 Datasheet
420Kb / 3P
   TNC Female Bulkhead Mount Connector Crimp/Solder Attachment
PE44660 PASTERNACK-PE44660 Datasheet
226Kb / 3P
   MCX Jack Connector Solder Attachment Surface Mount PCB, Switching Connector
PE44661 PASTERNACK-PE44661 Datasheet
228Kb / 3P
   MCX Jack Connector Solder Attachment End Launch PCB
PE44662 PASTERNACK-PE44662 Datasheet
229Kb / 3P
   MMCX Plug Connector Solder Attachment Surface Mount PCB
More results

Similar Description - PE44668

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44669 PASTERNACK-PE44669 Datasheet
221Kb / 2P
   SMA Female Connector Crimp - Solder Attachment For PE-C400, 0.400 inch
PE4698 PASTERNACK-PE4698 Datasheet
259Kb / 2P
   RP SMA Female Connector Crimp/Solder Attachment For PE-C400, 0.400 inch
PE44672 PASTERNACK-PE44672 Datasheet
214Kb / 2P
   RP TNC Male Connector Crimp - Solder Attachment For PE-C400, 0.400 inch
PE44534 PASTERNACK-PE44534 Datasheet
213Kb / 2P
   N Female Connector Crimp/Solder Attachment For PE-C400, 0.400 inch
PE4550 PASTERNACK-PE4550 Datasheet
264Kb / 3P
   N Male Connector Crimp/Solder Attachment For PEB400 PE-B405, PE-C400, LMR-400, 0.400 inch
PE44522 PASTERNACK-PE44522 Datasheet
256Kb / 2P
   N Male Connector Crimp-Solder Attachment For PE-C400, 0.400 inch, PE-B400, PE-B405, LMR-400
PE44546 PASTERNACK-PE44546 Datasheet
287Kb / 2P
   7/16 DIN Female Connector Crimp/Solder Attachment For PE-C400, 0.400 inch
PE44530 PASTERNACK-PE44530 Datasheet
269Kb / 2P
   N Female Bulkhead Connector Crimp/Solder Attachment For PE-C400, 0.400 inch, .640 inch DD Hole
PE44054 PASTERNACK-PE44054 Datasheet
206Kb / 2P
   UHF Male Connector Crimp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE44293 PASTERNACK-PE44293 Datasheet
229Kb / 3P
   TNC Male Connector Crimp/Solder Attachment For PE-B400, PE-B405, PE-C400
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com