Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1301990080 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 1301990080
Description  Woodhead MAX-LOC Plus Shielded Cord-Grip Assembly, 3/0 AWG Cable with Black HNBR O-Ring and Grommet
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301990080 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301990080 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301990080
Status:
Active
Overview:
MAX-LOC® Plus Shielded Cord Grip Assemblies
Description:
Woodhead® MAX-LOC® Plus Shielded Cord-Grip Assembly, 3/0 AWG Cable with
Black HNBR O-Ring and Grommet
Documents:
Drawing (PDF)
Application Specification AS-130199-002 (PDF)
Product Specification PS-130199-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Grips
Series
130199
Eye Type
N/A
O-Ring
Yes
Overview
MAX-LOC® Plus Shielded Cord Grip Assemblies
Product Name
MAX-LOC®
Type
MAX-LOC® Connector
UPC
887191306230
Woodhead
Yes
Physical
Approximate Break Strength
N/A
Bale Length
N/A
Body Style
Straight
Cable Diameter
14.86-18.03mm (.585-.710")
Color - Grommet
Black
Gender
Female
Material - Body
Aluminum
Material - Grip
N/A
Mesh Length
N/A
Number of Holes
N/A
Thread Size
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-130199-002
Product Specification
PS-130199-001
Sales Drawing
SD-130199-005
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
Search Parts in this Series
130199 Series
This document was generated on 10/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn