Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9V022IA7ATC-DP Datasheet(PDF) 1 Page - ON Semiconductor

Part # MT9V022IA7ATC-DP
Description  Wide-VGA CMOS Digital Image Sensor
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V022IA7ATC-DP Datasheet(HTML) 1 Page - ON Semiconductor

  MT9V022IA7ATC-DP Datasheet HTML 1Page - ON Semiconductor MT9V022IA7ATC-DP Datasheet HTML 2Page - ON Semiconductor MT9V022IA7ATC-DP Datasheet HTML 3Page - ON Semiconductor MT9V022IA7ATC-DP Datasheet HTML 4Page - ON Semiconductor MT9V022IA7ATC-DP Datasheet HTML 5Page - ON Semiconductor MT9V022IA7ATC-DP Datasheet HTML 6Page - ON Semiconductor MT9V022IA7ATC-DP Datasheet HTML 7Page - ON Semiconductor MT9V022IA7ATC-DP Datasheet HTML 8Page - ON Semiconductor MT9V022IA7ATC-DP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
MT9V022: 1/3-Inch Wide-VGA Digital Image Sensor
Features
MT9V022_DS Rev. L 6/15 EN
1
©Semiconductor Components Industries, LLC 2015,
1/3-Inch Wide-VGA CMOS Digital Image Sensor
MT9V022 Datasheet, Rev. L
For the latest datasheet revision, please visit www.onsemi.com
Features
• Array format: Wide-VGA, active 752H x 480V
(360,960 pixels)
• Global shutter photodiode pixels; simultaneous
integration and readout
• Monochrome or color: Near_IR enhanced
performance for use with non-visible NIR
illumination
• Readout modes: progressive or interlaced
• Shutter efficiency: >99%
• Simple two-wire serial interface
• Register Lock capability
• Window Size: User programmable to any smaller
format (QVGA, CIF, QCIF, etc.). Data rate can be
maintained independent of window size
• Binning: 2 x 2 and 4 x 4 of the full resolution
• ADC: On-chip, 10-bit column-parallel (option to
operate in 12-bit to 10-bit companding mode)
• Automatic Controls: Auto exposure control (AEC)
and auto gain control (AGC); variable regional and
variable weight AEC/AGC
• Support for four unique serial control register IDs to
control multiple imagers on the same bus
• Data output formats:
– Single sensor mode:
10-bit parallel/stand-alone
8-bit or 10-bit serial LVDS
– Stereo sensor mode:
Interspersed 8-bit serial LVDS
Applications
• Automotive
• Unattended surveillance
• Stereo vision
•Security
•Smart vision
•Automation
•Video as input
•Machine vision
Table 1:
Key Performance Parameters
Parameter
Value
Optical format
1/3-inch
Active imager size
4.51 mm (H) x 2.88 mm (V)
5.35 mm diagonal
Active pixels
752H x 480V
Pixel size
6.0 m x 6.0 m
Color filter array
Monochrome or color RGB Bayer
pattern
Shutter type
Global shutter
Maximum data rate/
master clock
26.6 MPS/26.6 MHz
Full resolution
752 x 480
Frame rate
60 fps (at full resolution)
ADC resolution
10-bit column-parallel
Responsivity
4.8 V/lux-sec (550nm)
Dynamic range
>55 dB linear;
>80 dB
100 dB in HDR mode
Supply voltage
3.3 V +0.3 V
all supplies)
Power consumption
<320 mW at maximum data rate;
100 μW standby power
Operating temperature
-40°C to +85°C
Packaging
52-Ball IBGA, automotive-qualified;
wafer or die


Similar Part No. - MT9V022IA7ATC-DP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9V022 ONSEMI-MT9V022 Datasheet
880Kb / 39P
   MT9V022 1/3?륤nch Wide VGA CMOS Digital Image Sensor
October, 2018 ??Rev. 7
MT9V022177ATM ONSEMI-MT9V022177ATM Datasheet
880Kb / 39P
   MT9V022 1/3?륤nch Wide VGA CMOS Digital Image Sensor
October, 2018 ??Rev. 7
MT9V022177ATMC ONSEMI-MT9V022177ATMC Datasheet
880Kb / 39P
   MT9V022 1/3?륤nch Wide VGA CMOS Digital Image Sensor
October, 2018 ??Rev. 7
MT9V0221A7ATC ONSEMI-MT9V0221A7ATC Datasheet
880Kb / 39P
   MT9V022 1/3?륤nch Wide VGA CMOS Digital Image Sensor
October, 2018 ??Rev. 7
MT9V0221A7ATM ONSEMI-MT9V0221A7ATM Datasheet
880Kb / 39P
   MT9V022 1/3?륤nch Wide VGA CMOS Digital Image Sensor
October, 2018 ??Rev. 7
More results

Similar Description - MT9V022IA7ATC-DP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V023 ONSEMI-MT9V023 Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V034 ONSEMI-MT9V034 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev.G Pub. 4/15 EN
MT9V032 ONSEMI-MT9V032 Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
logo
Pixart Imaging Inc.
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6337 PIXART-PAS6337 Datasheet
557Kb / 18P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS302BCW-22S PIXART-PAS302BCW-22S Datasheet
241Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6329 PIXART-PAS6329 Datasheet
667Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com