Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC88F58B0A Datasheet(PDF) 6 Page - ON Semiconductor

Part # LC88F58B0A
Description  16-bit 1-chip Microcontroller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88F58B0A Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LC88F58B0A Datasheet HTML 2Page - ON Semiconductor LC88F58B0A Datasheet HTML 3Page - ON Semiconductor LC88F58B0A Datasheet HTML 4Page - ON Semiconductor LC88F58B0A Datasheet HTML 5Page - ON Semiconductor LC88F58B0A Datasheet HTML 6Page - ON Semiconductor LC88F58B0A Datasheet HTML 7Page - ON Semiconductor LC88F58B0A Datasheet HTML 8Page - ON Semiconductor LC88F58B0A Datasheet HTML 9Page - ON Semiconductor LC88F58B0A Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
LC88F58B0A
No.A1951-6/31
Package Dimensions
unit : mm (typ)
3190A
Pin Assignment
SQFP64 (10×10) (Lead-free and halogen-free type)
10.0
12.0
0.15
0.18
0.5
(1.25)
116
17
32
33
48
49
64
SANYO : SQFP64(10X10)
LC88F58B0A
Top view
P72/AN10
P71/AN9
P70/AN8
P17/U2TX
P16/U2RX
P15/T3OH
P14/T3OL/U0RX
P13/U0TX
P12/SCK0
P11/SI0/SB0
P10/SO0
P07/T0PWMH/U0BRG
P06/T0PWML
P05/P05INT
P04/P04INT
P03/P0INT
P32/INT2
P31/INT1
P30/INT0
TEST
RESB
PC0/XT1
PC1/XT2
VSS1
CF1
CF2
VDD1
P60/AN0
P61/AN1
P62/AN2
P63/AN3
P64/AN4
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33


Similar Part No. - LC88F58B0A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
More results

Similar Description - LC88F58B0A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88F83B0A ONSEMI-LC88F83B0A Datasheet
177Kb / 25P
   16-bit 1-chip Microcontroller
May, 2013 Ver.0.7
LC88F5LA4ACS ONSEMI-LC88F5LA4ACS Datasheet
250Kb / 33P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC88F85D0A ONSEMI-LC88F85D0A Datasheet
307Kb / 31P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.10
LC88F52H0A ONSEMI-LC88F52H0A Datasheet
220Kb / 38P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.03
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
logo
NEC
UPD784976A NEC-UPD784976A Datasheet
1Mb / 400P
   16-Bit Single-Chip Microcontroller
logo
Infineon Technologies A...
C165 INFINEON-C165 Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
logo
NEC
UPD78P4908 NEC-UPD78P4908 Datasheet
427Kb / 64P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
NXP Semiconductors
XA-H4 PHILIPS-XA-H4 Datasheet
225Kb / 42P
   Single-chip 16-bit microcontroller
1999 Sep 24
logo
Infineon Technologies A...
SAF-C165LMHA INFINEON-SAF-C165LMHA Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com