Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC88F5LA4ACS Datasheet(PDF) 1 Page - ON Semiconductor

Part # LC88F5LA4ACS
Description  16-bit 1-chip Microcontroller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88F5LA4ACS Datasheet(HTML) 1 Page - ON Semiconductor

  LC88F5LA4ACS Datasheet HTML 1Page - ON Semiconductor LC88F5LA4ACS Datasheet HTML 2Page - ON Semiconductor LC88F5LA4ACS Datasheet HTML 3Page - ON Semiconductor LC88F5LA4ACS Datasheet HTML 4Page - ON Semiconductor LC88F5LA4ACS Datasheet HTML 5Page - ON Semiconductor LC88F5LA4ACS Datasheet HTML 6Page - ON Semiconductor LC88F5LA4ACS Datasheet HTML 7Page - ON Semiconductor LC88F5LA4ACS Datasheet HTML 8Page - ON Semiconductor LC88F5LA4ACS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
30211HKIM 20100223-S00001 No.A1860-1/33
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
May, 2013
Ver.1.00
LC88F5LA4ACS
Overview
The LC88F5LA4ACS is a 16-bit microcomputer that, centered around an Xstromy16 CPU, integrates on a single chip a
number of hardware features such as 96K-byte flash ROM (onboard programmable), 6K-byte RAM, six 16-bit timers, a
base timer serving as a time-of-day clock, a real time clock, two synchronous SIO interfaces with automatic
transmission capability, a single master I2C/synchronous SIO interface, a slave I2C/synchronous SIO interface, two
asynchronous SIO (UART) interfaces, a 4-channel 12-bit resolution AD converter, a watchdog timer, a system clock
frequency divider, a 38-source (24 modules) 13-vector interrupt feature, and on-chip debugger feature.
Features
Xstromy16 CPU
• 4G-byte address space
• General-purpose registers: 16 bits × 16registers
Flash ROM
• Capable of onboard programming with a wide range of voltage levels (2.6 to 3.6V).
• Block-erasable in 128 or 1K byte units.
• Data written in 2-byte units.
• 98304 × 8 bits
RAM
• 6144 × 8 bits
Ordering number : ENA1860
Ordering number : ENA1860
CMOS IC
FROM 96K byte, RAM 6K byte on-chip
16-bit 1-chip Microcontroller
* This product is licensed from Silicon Storage Technology, Inc. (USA).


Similar Part No. - LC88F5LA4ACS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
   FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
More results

Similar Description - LC88F5LA4ACS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88F83B0A ONSEMI-LC88F83B0A Datasheet
177Kb / 25P
   16-bit 1-chip Microcontroller
May, 2013 Ver.0.7
LC88F58B0A ONSEMI-LC88F58B0A Datasheet
190Kb / 31P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.03
LC88F85D0A ONSEMI-LC88F85D0A Datasheet
307Kb / 31P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.10
LC88F52H0A ONSEMI-LC88F52H0A Datasheet
220Kb / 38P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.03
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
logo
NEC
UPD784976A NEC-UPD784976A Datasheet
1Mb / 400P
   16-Bit Single-Chip Microcontroller
logo
Infineon Technologies A...
C165 INFINEON-C165 Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
logo
NEC
UPD78P4908 NEC-UPD78P4908 Datasheet
427Kb / 64P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
NXP Semiconductors
XA-H4 PHILIPS-XA-H4 Datasheet
225Kb / 42P
   Single-chip 16-bit microcontroller
1999 Sep 24
logo
Infineon Technologies A...
SAF-C165LMHA INFINEON-SAF-C165LMHA Datasheet
1Mb / 77P
   16-Bit Single-Chip Microcontroller
V2.0, Dec. 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com