Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

594UYD-S530-A3 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # 594UYD-S530-A3
Description  LAMP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

594UYD-S530-A3 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  594UYD-S530-A3_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 594UYD-S530-A3_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 594UYD-S530-A3_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 594UYD-S530-A3_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 594UYD-S530-A3_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 594UYD-S530-A3_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 594UYD-S530-A3_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 594UYD-S530-A3_15 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DATASHEET
LAMP
594UYD/S530-A3
7
Copyright © 2010, Everlight All Rights Reserved. Release Date : Oct.16. 2014. Issue No: DLE-0007249_Rev.3
www.everlight.com
A rapid-rate process is not recommended for cooling the LEDs down from the peak temperature.
Although the recommended soldering conditions are specified in the above table, dip or hand soldering at the lowest
possible temperature is desirable for the LEDs.
Wave soldering parameter must be set and maintain according to recommended temperature and dwell time in the solder
wave.
4.
Cleaning
When necessary, cleaning should occur only with isopropyl alcohol at room temperature for a duration of no more than
one minute. Dry at room temperature before use.
Do not clean the LEDs by the ultrasonic. When it is absolutely necessary, the influence of ultrasonic cleaning on the LEDs
depends on factors such as ultrasonic power and the assembled condition. Ultrasonic cleaning shall be pre-qualified to
ensure this will not cause damage to the LED
5.
Heat Management
Heat management of LEDs must be taken into consideration during the design stage of LED application. The current
should be de-rated appropriately by referring to the de-rating curve found in each product specification.
The temperature surrounding the LED in the application should be controlled. Please refer to the data sheet de-rating
curve.
6.
ESD (Electrostatic Discharge)
The products are sensitive to static electricity or surge voltage. ESD can damage a die and its reliability.
When handling the products, the following measures against electrostatic discharge are strongly
recommended:
Eliminating the charge
Grounded wrist strap, ESD footwear, clothes, and floors
Grounded workstation equipment and tools
ESD table/shelf mat made of conductive materials
Proper grounding is required for all devices, equipment, and machinery used in product assembly.
Surge protection should be considered when designing of commercial products.
If tools or equipment contain insulating materials such as glass or plastic,
the following measures against electrostatic discharge are strongly recommended:
Dissipating static charge with conductive materials
Preventing charge generation with moisture
Neutralizing the charge with ionizers
7.
Directions for use
The LEDs should be operated with forward bias. The driving circuit must be designed so that the LEDs are not subjected
to forward or reverse voltage while it is off. If reverse voltage is continuously applied to the LEDs, it may cause migration
resulting in LED damage.
8.
Other
Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above
specification.
When using this product, please observe the absolute maximum ratings and the instructions for using outlined in these
specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does
not comply
with the absolute maximum ratings and the instructions included in these specification sheets.


Similar Part No. - 594UYD-S530-A3_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
594UYD-S530-A3 EVERLIGHT-594UYD-S530-A3 Datasheet
99Kb / 6P
   2.0*4.0mm Rectangular Type LED Lamps
More results

Similar Description - 594UYD-S530-A3_15

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
M309319 E-SWITCH-M309319 Datasheet
177Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309337 E-SWITCH-M309337 Datasheet
151Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309314 E-SWITCH-M309314 Datasheet
246Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309332 E-SWITCH-M309332 Datasheet
177Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309329 E-SWITCH-M309329 Datasheet
169Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309336 E-SWITCH-M309336 Datasheet
141Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309315 E-SWITCH-M309315 Datasheet
65Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309331 E-SWITCH-M309331 Datasheet
61Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309333 E-SWITCH-M309333 Datasheet
138Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309334 E-SWITCH-M309334 Datasheet
183Kb / 1P
   LAMP VOLTAGE: NO LAMP
M309338 E-SWITCH-M309338 Datasheet
154Kb / 1P
   LAMP VOLTAGE: NO LAMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com