Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAV25040 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAV25040
Description  SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAV25040 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAV25040 Datasheet HTML 4Page - ON Semiconductor CAV25040 Datasheet HTML 5Page - ON Semiconductor CAV25040 Datasheet HTML 6Page - ON Semiconductor CAV25040 Datasheet HTML 7Page - ON Semiconductor CAV25040 Datasheet HTML 8Page - ON Semiconductor CAV25040 Datasheet HTML 9Page - ON Semiconductor CAV25040 Datasheet HTML 10Page - ON Semiconductor CAV25040 Datasheet HTML 11Page - ON Semiconductor CAV25040 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CAV25010, CAV25020, CAV25040
http://onsemi.com
9
Hold Operation
The HOLD input can be used to pause communication
between host and CAV25010/20/40. To pause, HOLD must
be taken low while SCK is low (Figure 11). During the hold
condition the device must remain selected (CS low). During
the pause, the data output pin (SO) is tri−stated (high
impedance) and SI transitions are ignored. To resume
communication, HOLD must be taken high while SCK is low.
Design Considerations
The CAV25010/20/40 devices incorporate Power−On
Reset (POR) circuitry which protects the internal logic
against powering up in the wrong state. The device will
power up into Standby mode after VCC exceeds the POR
trigger level and will power down into Reset mode when
VCC drops below the POR trigger level. This bi−directional
POR behavior protects the device against ‘brown−out’
failure following a temporary loss of power.
The CAV25010/20/40 device powers up in a write disable
state and in a low power standby mode. A WREN instruction
must be issued prior to any writes to the device.
After power up, the CS pin must be brought low to enter
a ready state and receive an instruction. After a successful
byte/page write or status register write, the device goes into
a write disable mode. The CS input must be set high after the
proper number of clock cycles to start the internal write
cycle. Access to the memory array during an internal write
cycle is ignored and programming is continued. Any invalid
op−code will be ignored and the serial output pin (SO) will
remain in the high impedance state.
Figure 11. HOLD Timing
SCK
SO
HIGH IMPEDANCE
Dashed Line = mode (1, 1)
tLZ
CS
HOLD
tCD
tHD
tHD
tCD
tHZ


Similar Part No. - CAV25040

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAV25040 ONSEMI-CAV25040 Datasheet
265Kb / 14P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
CAV25040VE-G ONSEMI-CAV25040VE-G Datasheet
152Kb / 12P
   SPI Serial CMOS EEPROM
January, 2012 ??Rev. 0
CAV25040VE-GT3 ONSEMI-CAV25040VE-GT3 Datasheet
152Kb / 12P
   SPI Serial CMOS EEPROM
January, 2012 ??Rev. 0
CAV25040VE-GT3 ONSEMI-CAV25040VE-GT3 Datasheet
265Kb / 14P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
CAV25040YE-GT3 ONSEMI-CAV25040YE-GT3 Datasheet
152Kb / 12P
   SPI Serial CMOS EEPROM
January, 2012 ??Rev. 0
More results

Similar Description - CAV25040

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAV25256 ONSEMI-CAV25256 Datasheet
180Kb / 13P
   SPI Serial CMOS EEPROM
June, 2013 ??Rev. 0
CAV25010 ONSEMI-CAV25010 Datasheet
152Kb / 12P
   SPI Serial CMOS EEPROM
January, 2012 ??Rev. 0
CAV25128 ONSEMI-CAV25128 Datasheet
175Kb / 13P
   SPI Serial CMOS EEPROM
October, 2012 ??Rev. 0
EA2M ONSEMI-EA2M Datasheet
206Kb / 14P
   2 Mb SPI Serial CMOS EEPROM
September, 2014 ??Rev. 1
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
ENA2255 ONSEMI-ENA2255 Datasheet
184Kb / 17P
   64 kb SPI CMOS Serial EEPROM
December, 2013
logo
Catalyst Semiconductor
CAT25320 CATALYST-CAT25320 Datasheet
262Kb / 16P
   32-Kb SPI Serial CMOS EEPROM
CAT25C08 CATALYST-CAT25C08_06 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25128VI-G ONSEMI-CAT25128VI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25640HU3IGT3E ONSEMI-CAT25640HU3IGT3E Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com