Electronic Components Datasheet Search |
|
CAT93C86BVE-GT3 Datasheet(PDF) 1 Page - ON Semiconductor |
|
CAT93C86BVE-GT3 Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 14 page © Semiconductor Components Industries, LLC, 2013 September, 2013 − Rev. 3 1 Publication Order Number: CAT93C86B/D CAT93C86B 16-Kb Microwire Serial EEPROM Description The CAT93C86B is a 16−Kb Serial EEPROM memory device which is configured as either registers of 16 bits (ORG pin at VCC) or 8 bits (ORG pin at GND). Each register can be written (or read) serially by using the DI (or DO) pin. The CAT93C86B features a self−timed internal write with auto−clear. On−chip Power−On Reset circuit protects the internal logic against powering up in the wrong state. Features • High Speed Operation: 4 MHz (5 V), 2 MHz (1.8 V) • 1.8 V (1.65 V*) to 5.5 V Supply Voltage Range • Selectable x8 or x16 Memory Organization • Self−timed Write Cycle with Auto−clear • Sequential Read • Hardware and Software Write Protection • Power−up Inadvertent Write Protection • Low Power CMOS Technology • Program Enable (PE) Pin • 1,000,000 Program/Erase Cycles • 100 Year Data Retention • Industrial and Extended Temperature Ranges • 8−pin PDIP, SOIC, MSOP, TSSOP, 8−pad UDFN, and WLCSP 6−ball Packages • This Device is Pb−Free, Halogen Free/BFR Free, and RoHS Compliant† ORG DO CAT93C86B SK GND VCC Figure 1. Functional Symbol PE CS DI *CAT93C86Bxx−xxL (TA = −205C to +855C) †For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. http://onsemi.com PIN CONFIGURATION DO DI SK CS 1 See detailed ordering and shipping information in the package dimensions section on page 14 of this data sheet. ORDERING INFORMATION SOIC−8 V SUFFIX CASE 751BD PDIP (L), SOIC (V, X), TSSOP (Y), UDFN (HU4), MSOP (Z) PDIP−8 L SUFFIX CASE 646AA Chip Select CS Clock Input SK Serial Data Input DI Serial Data Output DO Power Supply VCC Ground GND Function Pin Name PIN FUNCTION Memory Organization ORG Program Enable PE SOIC−8 X SUFFIX CASE 751BE GND ORG PE VCC TSSOP−8 Y SUFFIX CASE 948AL UDFN−8 HU4 SUFFIX CASE 517AZ MSOP−8 Z SUFFIX CASE 846AD Note: When the ORG pin is connected to VCC, the x16 organization is selected. When it is connected to ground, the x8 pin is selected. If the ORG pin is left unconnected, then an internal pull−up device will select the x16 organization. SK DO DI GND VCC CS Pin 1 2 1 A B C WLCSP*, ** (C6A) *ORG internally connected to GND **PE float WLCSP−6 C6A SUFFIX PRELIMINARY |
Similar Part No. - CAT93C86BVE-GT3 |
|
Similar Description - CAT93C86BVE-GT3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |