Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7558 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # L7558
Description  Infrared LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L7558 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  L7558_15 Datasheet HTML 1Page - Hamamatsu Corporation L7558_15 Datasheet HTML 2Page - Hamamatsu Corporation L7558_15 Datasheet HTML 3Page - Hamamatsu Corporation L7558_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Infrared LED
L7558 series
3
Allowable forward current vs. ambient temperature
Allowable forward current vs. duty ratio
-40
-20
0
20
40
60
80
100
0
40
60
80
100
Ambient temperature (°C)
20
0.01
Duty ratio (%)
0.01
0.1
1
10
100
0.1
1
10
Pulse width=1 μs
(Ta=25 °C)
100 μs
10 μs
KLEDB0027EB
KLEDB0157EB
Directivity
Radiant output vs. ambient temperature
90°
80°
70°
60°
50°
30°
Relative radiant output (%)
40°
90°
80°
70°
60°
50°
30°
40°
20°
10°
10°
20°
(Typ. Ta=25 °C)
L7558
L7558-01
80%
100%
40%
60%
20%
-40
-20
0
20
40
60
80
100
-5
-4
-2
0
-3
-1
+1
+2
Ambient temperature (°C)
(Typ. IF=50 mA)
KLEDB0066EA
KLEDB0156EA


Similar Part No. - L7558_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7558-01 HAMAMATSU-L7558-01 Datasheet
122Kb / 2P
   High-speed, high-power infrared LED for spatial light transmission
More results

Similar Description - L7558_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
   Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
   Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
   Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
   Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
   Infrared LED
logo
Roithner LaserTechnik G...
LED1200 ROITHNER-LED1200 Datasheet
1Mb / 8P
   Infrared LED
logo
Marktech Corporate
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
   Infrared LED
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
   INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
   INFRARED LED?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com