Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L10596 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # L10596
Description  Infrared LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L10596 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  L10596_15 Datasheet HTML 1Page - Hamamatsu Corporation L10596_15 Datasheet HTML 2Page - Hamamatsu Corporation L10596_15 Datasheet HTML 3Page - Hamamatsu Corporation L10596_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
L10596 series
Small emission spot LED using current confined
chip
Infrared LED
www.hamamatsu.com
Absolute maximum ratings (Ta=25 °C)
Parameter
Symbol
Condition
Value
Unit
Forward current
IF
80
mA
Reverse voltage
VR
3V
Pulse forward current
IFP
Pulse width=10 μs
Duty ratio=1%
0.45
A
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
*1
-40 to +100
°C
*1: The L10596-03 is guaranteed to resist temperature cycle test of up to 5 cycles.
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.
Applications
Automatic control systems
Optical switches
Features
High radiant output power:
L10596/-02: 3.0 mW (IF=50 mA typ.)
Uniform emission
Small emission spot:
L10596: ϕ400 μm
L10596-03: ϕ160 μm
Narrow directivity (L10596/-02)
Electrical and optical characteristics (Ta=25 °C)
Parameter
Symbol
Condition
L10596
L10596-02
L10596-03
Unit
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Peak emission wavelength
λpIF=50 mA
850
870
890
850
870
890
850
870
890
nm
Spectral half width
∆λ
IF=50 mA
-
3550
-
3550
-
3550
nm
Forward voltage
VF
IF=50 mA
-
1.6
1.8
-
1.6
1.8
-
1.6
1.8
V
Pulse forward voltage
VFP
IF=0.45 A
-
3.3
4.1
-
3.3
4.1
-
3.3
4.1
V
Reverse current
IR
VR=3 V
-
-
10
-
-
10
-
-
10
μA
Radiant flux
ɸeIF=50 mA
2.1
3.0
-
2.1
3.0
-
5.0
6.5
-
mW
Cut-off frequency*2
fc
IF=50 mA ± 10 mAp-p
10
15-10
15-10
15-
MHz
*2: Frequency at which the radiant output drops by 3 dB relative to the output at 100 kHz
The L10596 is infrared LED with a microball lens cemented to the current confinement chip surface. This combination ensures
narrow directivity and uniform emission. In particular, the L10596-02 uses a lens cap that delivers even narrower directivity.
As a variant type not using a microball lens, the L10596-03 is also available with the LED chip potted with resin, which gives a
small emission spot of ɸ160 μm. The L10569 series has a light-reflecting layer inserted between the emission section and the
GaAs substrate, which increases the light output by 1.5 times (L10596-03: 1.3 times) that of conventional products.


Similar Part No. - L10596_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L10596-02 HAMAMATSU-L10596-02 Datasheet
139Kb / 4P
   Small emission spot LED using current con-ned chip
L10596-03 HAMAMATSU-L10596-03 Datasheet
139Kb / 4P
   Small emission spot LED using current con-ned chip
More results

Similar Description - L10596_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8245 HAMAMATSU-L8245_06 Datasheet
59Kb / 2P
   Infrared LED
logo
IC-Haus GmbH
IC-SG85 ICHAUS-IC-SG85 Datasheet
131Kb / 4P
   Infrared LED
logo
Roithner LaserTechnik G...
ELD-810-345 ROITHNER-ELD-810-345 Datasheet
264Kb / 4P
   Infrared LED
logo
Marktech Corporate
MT5850-IR MARKTECH-MT5850-IR_15 Datasheet
573Kb / 2P
   Infrared LED
MT51020-IR MARKTECH-MT51020-IR_15 Datasheet
577Kb / 2P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR_15 Datasheet
593Kb / 2P
   Infrared LED
logo
Roithner LaserTechnik G...
LED1200 ROITHNER-LED1200 Datasheet
1Mb / 8P
   Infrared LED
logo
Marktech Corporate
MTE2081-OH5 MARKTECH-MTE2081-OH5 Datasheet
755Kb / 3P
   Infrared LED
MT51550-IR MARKTECH-MT51550-IR Datasheet
593Kb / 2P
   Infrared LED
MTE1040 MARKTECH-MTE1040 Datasheet
64Kb / 2P
   INFRARED LED?
MTE1070A MARKTECH-MTE1070A Datasheet
70Kb / 2P
   INFRARED LED?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com