Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73801 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS73801
Description  TPS73801 1.0-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73801 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS73801_15 Datasheet HTML 8Page - Texas Instruments TPS73801_15 Datasheet HTML 9Page - Texas Instruments TPS73801_15 Datasheet HTML 10Page - Texas Instruments TPS73801_15 Datasheet HTML 11Page - Texas Instruments TPS73801_15 Datasheet HTML 12Page - Texas Instruments TPS73801_15 Datasheet HTML 13Page - Texas Instruments TPS73801_15 Datasheet HTML 14Page - Texas Instruments TPS73801_15 Datasheet HTML 15Page - Texas Instruments TPS73801_15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
OUT
FB
R2
R1
V
1.21 V(1
) I
R2
=
+
+
´
TPS73801
SLVS915C – FEBRUARY 2010 – REVISED JULY 2015
www.ti.com
The output voltage can be set using the following equations:
(1)
VFB = 1.21 V
(2)
IFB = 3 µA at 25 °C
(3)
Output Range = 1.21 to 20 V
(4)
7.3.2 Fixed Operation
The TPS73801 can be used in a fixed voltage configuration. By connecting the FB pin to OUT the TPS73801 will
regulate the output to 1.21 V. During fixed voltage operation, the FB pin can be used for a Kelvin connection if
routed separately to the load. This allows the regulator to compensate for voltage drop across parasitic
resistances (RP) between the output and the load. This becomes more crucial with higher load currents.
Figure 25. Kelvin Sense Connection
7.3.3 Overload Recovery
Like many IC power regulators, the TPS73801 has safe operating area protection. The safe area protection
decreases the current limit as input-to-output voltage increases and keeps the power transistor inside a safe
operating region for all values of input-to-output voltage. The protection is designed to provide some output
current at all values of input-to-output voltage up to the device breakdown.
When power is first turned on, as the input voltage rises, the output follows the input, allowing the regulator to
start up into very heavy loads. During start up, as the input voltage is rising, the input-to-output voltage
differential is small, allowing the regulator to supply large output currents. With a high input voltage, a problem
can occur wherein removal of an output short does not allow the output voltage to recover. Other regulators also
exhibit this phenomenon, so it is not unique to the TPS73801.
The problem occurs with a heavy output load when the input voltage is high and the output voltage is low.
Common situations occur immediately after the removal of a short circuit or when the shutdown pin is pulled high
after the input voltage has already been turned on. The load line for such a load may intersect the output current
curve at two points. If this happens, there are two stable output operating points for the regulator. With this
double intersection, the input power supply may need to be cycled down to zero and brought up again to make
the output recover.
7.3.4 Output Voltage Noise
The TPS73801 regulators have been designed to provide low output voltage noise over the 10-Hz to 100-kHz
bandwidth while operating at full load. Output voltage noise is typically 40 nV/
√Hz over this frequency bandwidth
for the TPS73801. For higher output voltages (generated by using a resistor divider), the output voltage noise is
gained up accordingly. This results in RMS noise over the 10-Hz to 100-kHz bandwidth of 14
μVRMS for the
TPS73801.
Higher values of output voltage noise may be measured when care is not exercised with regards to circuit layout
and testing. Crosstalk from nearby traces can induce unwanted noise onto the output of the TPS73801.
Powersupply ripple rejection must also be considered; the TPS73801 regulators do not have unlimited power-
supply rejection and pass a small portion of the input noise through to the output.
12
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TPS73801


Similar Part No. - TPS73801_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73801-SEP TI1-TPS73801-SEP Datasheet
1Mb / 25P
[Old version datasheet]   1-A Low-Noise Fast-Transient-Response Low-Dropout Regulator in Space Enhanced Plastic
TPS73801-SEP TI1-TPS73801-SEP Datasheet
1Mb / 25P
[Old version datasheet]   1-A Low-Noise Fast-Transient-Response Low-Dropout Regulator in Space Enhanced Plastic
TPS73801-SEP TI1-TPS73801-SEP_19 Datasheet
1Mb / 25P
[Old version datasheet]   1-A Low-Noise Fast-Transient-Response Low-Dropout Regulator in Space Enhanced Plastic
TPS73801DCQR TI1-TPS73801DCQR Datasheet
711Kb / 21P
[Old version datasheet]   1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS73801MDCQPSEP TI1-TPS73801MDCQPSEP Datasheet
1Mb / 25P
[Old version datasheet]   1-A Low-Noise Fast-Transient-Response Low-Dropout Regulator in Space Enhanced Plastic
More results

Similar Description - TPS73801_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
[Old version datasheet]   1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_09 Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-Q1 TI1-TL1963A-Q1 Datasheet
612Kb / 23P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX Datasheet
805Kb / 26P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A TI1-TL1963A_16 Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TL1963A TI-TL1963A_15 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com