Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67023-103 Datasheet(PDF) 5 Page - Micropac Industries

Part # 67023-103
Description  HERMETIC , NUMERIC AND HEXADECIMAL DISPLAYS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

67023-103 Datasheet(HTML) 5 Page - Micropac Industries

  67023-103 Datasheet HTML 1Page - Micropac Industries 67023-103 Datasheet HTML 2Page - Micropac Industries 67023-103 Datasheet HTML 3Page - Micropac Industries 67023-103 Datasheet HTML 4Page - Micropac Industries 67023-103 Datasheet HTML 5Page - Micropac Industries 67023-103 Datasheet HTML 6Page - Micropac Industries 67023-103 Datasheet HTML 7Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL:
optosales@micropac.com
2 - 8
4N51, 4N52,
67023 4N53, 4N54
HERMETIC, NUMERIC AND HEXIDECIMAL DISPLAYS
(LOW LEVEL DATA)
DATA INPUT
DATA INPUT
(HIGH LEVEL DATA)
INPUT
ENABLE
LH
t
10%
1.5V
90%
1.5V
1.5V
1.5V
1.5V
HOLD
SETUP
FIGURE 1 Timing Diagram of 4N51, 4N52 and 4N54 Series Logic
W
t
t
t
1.5V
GROUND
BLANKING (3)
CONTROL
6
4
ENABLE
1
DP (2)
INPUT
4
2
3
LOGIC
Vcc
8
5
7
PIN NO.
FIGURE 2 Block Diagram of 4N51, 4N52 and 4N54 Series Logic
LED MATRIX
DRIVER
DP
LED MATRIX
MEMORY
LATCH
DC2
DP
DC8
DC4
DC1
DECODER
MATRIX
NUMERAL ONE
580
100
32
FIGURE 3
150
580
150
dp
4
8
1
7
MINUS PLUS
Vcc
PLUS
X
X
X
X
8
4
2
1
BCD DATA (1)
HH
H
H
L
H
H
H
H
L
H
H
L
L
H
H
H
H
L
H
L
H
L
H
H
L
L
H
L
L
L
H
H
H
H
L
L
H
H
L
H
L
H
L
L
L
H
L
H
H
L
L
L
H
L
L
H
L
L
L
L
L
L
L
TRUTH TABLE
4N51/4N52
4N54
F
(BLANK)
E
D
C
B
A
9
9
8
8
7
7
6
6
5
5
4
4
3
3
2
2
1
1
0
0
ON
OFF
LOAD DATA
LATCH DATA
DISPLAY OFF
DISPLAY ON
VDP=H
VDP=L
VE =L
VE =H
VB =H
VB =L
DECIMAL PT. (2)
ENABLE (1)
BLANKING (3)
(BLANK)
.....
(BLANK)
(BLANK)
NOTES:
1. H = Logic High: L = Logic Low. With the
enable input at logic high changes in BCD
input levels or D.P. input have no effect
upon display memory, displayed character,
2. The decmal point, DP, pertains only to
the 4n51 and 4n52 displays.
3. The blanking control, B, pertains only
to the 4n54 hexadecimal display.
Blanking input has no effect upon memory.
or D.P.
PIN
8
7
6
5
4
3
2
1
Minus/Plus
Vcc
Open
Open
DP
Numeral One
Numeral One
Plus
FUNCTION
TRUTH TABLE FOR TYPICAL DRIVING CIRCUIT
BLANK
DECIMAL POINT
1
-
+
H
X
X
LLL
L
X
H
1
X
X
HX
X
2,3
X
4
PIN
X
L
H
X
H
8
CHARACTER
NOTES:
L: Line switching transistor in figure 3 cutoff.
H: Line transistor in figure 3 satuated
X: Don't Care.
TYPICAL DRIVING CIRCUIT
4N53 Over Range Character
4N51, 4N52, 4N54 Logic


Similar Part No. - 67023-103

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
6702 FILTRONIC-6702 Datasheet
148Kb / 3P
   PHASE SHIFTER DC TO 2, 4 AND 8 GHZ, COAXIAL HIGH POWER
logo
API Technologies Corp
6702 APITECH-6702 Datasheet
175Kb / 3P
   DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
logo
List of Unclassifed Man...
6702-AAAA-0000 ETC2-6702-AAAA-0000 Datasheet
848Kb / 20P
   Pressure & Vacuum Switches
6702-AAAB-0000 ETC2-6702-AAAB-0000 Datasheet
848Kb / 20P
   Pressure & Vacuum Switches
6702-AABA-0000 ETC2-6702-AABA-0000 Datasheet
848Kb / 20P
   Pressure & Vacuum Switches
More results

Similar Description - 67023-103

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
4N51 E-OEC-4N51 Datasheet
135Kb / 7P
   HERMETIC , NUMERIC AND HEXADECIMAL
logo
Agilent(Hewlett-Packard...
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-076X AVAGO-HDSP-076X Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 AVAGO-HDSP-0760_08 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-076X HP-HDSP-076X Datasheet
202Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0781 AVAGO-HDSP-0781 Datasheet
151Kb / 9P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
HDSP-0781 AVAGO-HDSP-0781_08 Datasheet
221Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
HDSP-078X HP-HDSP-078X Datasheet
124Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-078X AVAGO-HDSP-078X Datasheet
207Kb / 8P
   Glass/Ceramic Numeric and Hexadecimal Displays for Industrial Applications
logo
Agilent(Hewlett-Packard...
5082-7300 HP-5082-7300 Datasheet
145Kb / 6P
   Hexadecimal and Numeric Indicators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com