Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR928-6C-F Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # IR928-6C-F
Description  1.5mm Side Face Infrared LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR928-6C-F Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

  IR928-6C-F_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR928-6C-F_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR928-6C-F_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR928-6C-F_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR928-6C-F_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR928-6C-F_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR928-6C-F_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR928-6C-F_15 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 8 of 8
Device No:CDIR-092-007
Prepared date:2006/12/21
Prepared by: zhouhong
IR928-6C-F
Packing Quantity Specification
1. 1000PCS/1Bag,10Bag/1Box
2. 10Boxes/1Carton
Label Form Specification
CPN: Customer’s Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Peak Wavelength
REF: Reference
LOT No: Lot Number
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT
corporation. Please don’t reproduce or cause anyone to reproduce them without
EVERLIGHT’s consent.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com
IR928-6C-F


Similar Part No. - IR928-6C-F_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR928-6C-F EVERLIGHT-IR928-6C-F Datasheet
195Kb / 8P
   1.5mm Side Face Infrared LED
IR928-6C-F EVERLIGHT-IR928-6C-F Datasheet
336Kb / 7P
   Opto Interrupter
IR928-6C-F EVERLIGHT-IR928-6C-F Datasheet
341Kb / 7P
   Opto Interrupter
IR928-6C-F EVERLIGHT-IR928-6C-F Datasheet
328Kb / 7P
   Opto Interrupter
IR928-6C-F EVERLIGHT-IR928-6C-F Datasheet
179Kb / 7P
   Opto Interrupter
More results

Similar Description - IR928-6C-F_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR908-7C-F EVERLIGHT-IR908-7C-F Datasheet
193Kb / 7P
   1.5mm Side Face Infrared LED
HIR928-6C-F EVERLIGHT-HIR928-6C-F_15 Datasheet
201Kb / 8P
   1.5mm Side Face Infrared LED
IR908-7C-F EVERLIGHT-IR908-7C-F_15 Datasheet
198Kb / 7P
   1.5mm Side Face Infrared LED
IR928-6C-F EVERLIGHT-IR928-6C-F Datasheet
195Kb / 8P
   1.5mm Side Face Infrared LED
SIR928-6C-F EVERLIGHT-SIR928-6C-F Datasheet
188Kb / 8P
   Side Face Infrared LED
HIR928-6C-F EVERLIGHT-HIR928-6C-F Datasheet
205Kb / 8P
   Side Face Infrared LED
SIR928-6C-F EVERLIGHT-SIR928-6C-F Datasheet
194Kb / 8P
   Side Face Infrared LED
IR4103-2 EVERLIGHT-IR4103-2 Datasheet
190Kb / 7P
   1.5mm Side Looking Infrared LED
logo
SunLED Corporation
LUY04D SUNLED-LUY04D Datasheet
183Kb / 4P
   1.5mm SIDE LOOK LED
LUR04D SUNLED-LUR04D Datasheet
184Kb / 4P
   1.5mm SIDE LOOK LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com