Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR91-21C-TR7 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # IR91-21C-TR7
Description  1.9mm Round Subminiature ??Gull Wing?쒵ead Infrared LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR91-21C-TR7 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  IR91-21C-TR7_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR91-21C-TR7_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR91-21C-TR7_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR91-21C-TR7_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR91-21C-TR7_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR91-21C-TR7_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR91-21C-TR7_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR91-21C-TR7_15 Datasheet HTML 8Page - Everlight Electronics Co., Ltd IR91-21C-TR7_15 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2013-06-03 17:41:55.0
1
Copyright © 2013, Everlight All Rights Reserved. Release Date :5/30/2013. Issue No:
DIR-0000946
Rev 3
www.everlight.com
1.9mm Round Subminiature “ Gull Wing”Lead Infrared LED
IR91-21C/TR7
Features
․Small double-end package
․High reliability
․Low forward voltage
․Good spectral matching to Si photodetector
․Pb free
․The product itself will remain within RoHS compliant version.
Descriptions
IR91-21C/TR7 is an infrared emitting diode in miniature
SMD package which is molded in a water clear plastic with spherical top view lens.
The device is spectrally matched with silicon photodiode and phototransistor.
Applications
․PCB mounted infrared sensor
․Infrared emitting for miniature light barrier
․Floppy disk drive
․Optoelectronic switch
․Smoke detector
Device Selection Guide
Part Category
Chip
Material
Lens Color
IR
GaAlAs
Water Clear


Similar Part No. - IR91-21C-TR7_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR91-21C-TR7 EVERLIGHT-IR91-21C-TR7 Datasheet
212Kb / 10P
   1.9mm Round Subminiature ??Gull Wing?쒵ead Infrared LED
More results

Similar Description - IR91-21C-TR7_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR91-21C-TR7 EVERLIGHT-IR91-21C-TR7 Datasheet
212Kb / 10P
   1.9mm Round Subminiature ??Gull Wing?쒵ead Infrared LED
EAISG2522A1 EVERLIGHT-EAISG2522A1 Datasheet
574Kb / 9P
   1.9mm Round Subminiature ??Gull Wing?쒵ead Infrared LED
EAISG2021A0 EVERLIGHT-EAISG2021A0 Datasheet
439Kb / 9P
   1.9mm Round Subminiature ??Gull Wing?쒵ead Infrared LED
IR95-21C-TR7 EVERLIGHT-IR95-21C-TR7 Datasheet
246Kb / 10P
   1.9mm Round Subminiature ??Gull Wing?쒵ead Infrared LED
IR95-21C EVERLIGHT-IR95-21C Datasheet
241Kb / 10P
   1.9mm Round Subminiature Gull Wing Lead Infrared LED
IR95-21C-TR7 EVERLIGHT-IR95-21C-TR7_15 Datasheet
225Kb / 9P
   1.9mm Round Subminiature Gull Wing Lead Infrared LED
PT91-21C-TR7 EVERLIGHT-PT91-21C-TR7 Datasheet
249Kb / 10P
   1.9mm Round Subminiature ?쏥ull Wing?쒵ead
EAISG2522A0 EVERLIGHT-EAISG2522A0 Datasheet
595Kb / 9P
   1.9mm Round Subminiature ?쏽oke?쒵ead Infrared LED
PT91-21B-TR7 EVERLIGHT-PT91-21B-TR7 Datasheet
265Kb / 10P
   1.9mm Round Subminiature Gull Wing Lead Phototransistor
IR91-21C EVERLIGHT-IR91-21C_15 Datasheet
179Kb / 8P
   1.9mm Round Subminiature Axial Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com