Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR19-315C-TR8 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # IR19-315C-TR8
Description  0603 Package Infrared LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR19-315C-TR8 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  IR19-315C-TR8_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR19-315C-TR8_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR19-315C-TR8_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR19-315C-TR8_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR19-315C-TR8_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR19-315C-TR8_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR19-315C-TR8_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR19-315C-TR8_15 Datasheet HTML 8Page - Everlight Electronics Co., Ltd IR19-315C-TR8_15 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2014-08-18 19:21:54.0
1
Copyright © 2010, Everlight All Rights Reserved. Release Date : Aug.15.2014. Issue No: DIR-0000059 Rev.3
www.everlight.com
Technical Data Sheet
0603 Package Infrared LED
IR19-315C/TR8
Features
Peak wavelength λp=940nm
Package in 8mm tape on 7” diameter reel
Compatible with infrared and vapor phase reflow solder process.
Pb free
The product itself will remain within RoHS compliant versi
Description
IR19-315C/TR8 is an infrared emitting diode in miniature SMD package which is molded in a water
clear epoxy The device is spectrally matched with silicon photodiode and phototransistor.
Applications
PCB mounted infrared sensor
Infrared remote control units with high power requirement
Scanner
Infrared applied system
Device Selection Guide
Device No.
Chip Material
Lens Color
IR19-315C/TR8
AlGaAs
Water clear


Similar Part No. - IR19-315C-TR8_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR19-315C-TR8 EVERLIGHT-IR19-315C-TR8 Datasheet
184Kb / 9P
   0603 Package Infrared LED
More results

Similar Description - IR19-315C-TR8_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR19-315C-TR8 EVERLIGHT-IR19-315C-TR8 Datasheet
184Kb / 9P
   0603 Package Infrared LED
EAIST1708A1 EVERLIGHT-EAIST1708A1 Datasheet
590Kb / 9P
   0603 Package Infrared LED
SIR19-315-TR8 EVERLIGHT-SIR19-315-TR8 Datasheet
312Kb / 9P
   0603 Package Infrared Chip LED
SIR19-315-TR8 EVERLIGHT-SIR19-315-TR8 Datasheet
208Kb / 9P
   0603 Package Infrared Chip LED
EAIST1708A0 EVERLIGHT-EAIST1708A0 Datasheet
581Kb / 9P
   0603 Package Infrared Chip LED
logo
P-tec Corporation
PL00131-WCB11 P-TEC-PL00131-WCB11_14 Datasheet
32Kb / 1P
   SMD LED 0603 Package
PL00230-WCA02 P-TEC-PL00230-WCA02 Datasheet
30Kb / 1P
   SMD LED 0603 Package
PL00230-WCG23 P-TEC-PL00230-WCG23 Datasheet
30Kb / 1P
   SMD LED 0603 Package
PL00230-WCR21 P-TEC-PL00230-WCR21 Datasheet
30Kb / 1P
   SMD LED 0603 Package
PL00232-WCB08 P-TEC-PL00232-WCB08 Datasheet
31Kb / 1P
   SMD LED 0603 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com