Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR17-21C-TR8 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # IR17-21C-TR8
Description  0805 Package Infrared Chip LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR17-21C-TR8 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  IR17-21C-TR8_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR17-21C-TR8_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR17-21C-TR8_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR17-21C-TR8_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR17-21C-TR8_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR17-21C-TR8_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR17-21C-TR8_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR17-21C-TR8_15 Datasheet HTML 8Page - Everlight Electronics Co., Ltd IR17-21C-TR8_15 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LifecyclePhase:
Revision
: 4
Expired Period: Forever
Release Date:2014-05-28 15:59:57.0
Data Sheet
0805 Package Infrared Chip LED
IR17-21C/TR8
4
Copyright © 2014, Everlight All Rights Reserved.Release Date :2014/5/24.Issue No:DIR-0000981 .Rev:4
www.everlight.com
0
-25
0
40
20
60
100
80
20
40
60
100
80
120
140
0
20
40
60
80
100
IF=20mA
Ta=25° C
Typical Electro-Optical Characteristics Curves
Fig.1 Forward Current vs.
Fig.2 Spectral Distribution
Ambient Temperature
Fig.3 Forward Current
.
vs. Forward Voltage


Similar Part No. - IR17-21C-TR8_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR17-21C-TR8 EVERLIGHT-IR17-21C-TR8 Datasheet
227Kb / 10P
   Infrared Chip LED
More results

Similar Description - IR17-21C-TR8_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAIST2012A0 EVERLIGHT-EAIST2012A0 Datasheet
486Kb / 9P
   0805 Package Infrared Chip LED
IR17-21C EVERLIGHT-IR17-21C Datasheet
207Kb / 9P
   0805 Package Infrared Chip LED
EAIST2012A1 EVERLIGHT-EAIST2012A1 Datasheet
434Kb / 9P
   0805 Package Infrared LED
17-21-G6C-FM1N2B-3T EVERLIGHT-17-21-G6C-FM1N2B-3T Datasheet
214Kb / 10P
   0805 Package Chip LED
logo
TAITRON Components Inco...
TSP2-XF2012A3 TAITRON-TSP2-XF2012A3 Datasheet
314Kb / 7P
   0805 PACKAGE CHIP LED
logo
Everlight Electronics C...
EAIST2012A2 EVERLIGHT-EAIST2012A2 Datasheet
444Kb / 9P
   0805 Package Chip LED
17-21-Y2C-A0L1M2V0B-3T-AM EVERLIGHT-17-21-Y2C-A0L1M2V0B-3T-AM Datasheet
234Kb / 13P
   0805 Package Chip LED
17-21-GPC-A0L1M2B0E-3T-AM EVERLIGHT-17-21-GPC-A0L1M2B0E-3T-AM Datasheet
205Kb / 12P
   0805 Package Chip LED
17-21-GHC-YR1S2-3T EVERLIGHT-17-21-GHC-YR1S2-3T Datasheet
158Kb / 10P
   0805 Package Chip LED
logo
TAITRON Components Inco...
TSP2-QF2012A3 TAITRON-TSP2-QF2012A3 Datasheet
317Kb / 7P
   0805 PACKAGE CHIP LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com