Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

H11526 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part No. H11526
Description  Metal Package PMT with Gate Function
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

H11526 Datasheet(HTML) 1 Page - Hamamatsu Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The H11526 series is a photosensor module that allows gate operation. The
combination of built-in metal package PMT and gate circuit makes this mod-
ule compact yet still provides excellent characteristics: 100 ns minimum gate
width, 10 kHz repetition rate. This module also contains a high-voltage power
supply so that PMT gain can be varied by simply adjusting the control vol-
tage. The internal protection monitor issues an error signal if high-intensity
light enters the module.
46
Specifications
Metal Package PMT with Gate Function
Photosensor Modules H11526 Series
Product Variations
H11526-110-NN / H11526-110-NF
H11526-01-NN / H11526-01-NF
H11526-20-NN / H11526-20-NF
Gate Mode NN: Normally ON
NF: Normally OFF
Parameter
230 nm to 700 nm
230 nm to 870 nm
230 nm to 920 nm
Spectral Response
Super bialkali photocathode, High sensitivity in visible range
For UV to near IR range
Extended red multialkali photocathode with enhanced sensitivity
Features
*1: Load resistance = 50
Ω (peak to peak)
Parameter
H11526 Series
Suffix
Gate Mode
Gate Signal
Input
Mode
Gate Width (FWHM)
Rise Time
Fall Time
Repetition Rate
Switching Ratio
Switching Noise *1
Delay Time
Gate Jitter
Level
Input Impedance
Pulse Width
Max.
Max.
Max.
Max.
100 ns to DC
10
106
30
1
C-MOS (High level: +3.5 V to +5 V)
10
20 ns to DC
-110-NN / -01-NN / -20-NN
Normally ON
8
70
80
-110-NF / -01-NF / -20-NF
Normally OFF
70
8
180
Unit
ns
ns
kHz
mV
ns
ns
k
(at +25
°C)
This product can't be used at vacuum environment or reduced pressure environment.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn