Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1226 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # S1226
Description  Si photodiodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S1226 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  S1226_15 Datasheet HTML 1Page - Hamamatsu Corporation S1226_15 Datasheet HTML 2Page - Hamamatsu Corporation S1226_15 Datasheet HTML 3Page - Hamamatsu Corporation S1226_15 Datasheet HTML 4Page - Hamamatsu Corporation S1226_15 Datasheet HTML 5Page - Hamamatsu Corporation S1226_15 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Si photodiodes
S1226 series
4
0.45
Lead
Photosensitive surface
Glass
Connected to case
The glass window may extend
a maximum of 0.2 mm above
the upper surface of the cap.
Photosensitive area
3.6 × 3.6
Distance from photosensitive
area center to cap center
-0.6
≤X≤0
-0.3
≤Y≤+0.3
5.08 ± 0.2
X
0.3
Y
0.45
Lead
Distance from photosensitive
area center to cap center
-0.6
≤X≤0
-0.3
≤Y≤+0.3
5.08 ± 0.2
X
0.3
Y
Photosensitive area
3.6 × 3.6
Photosensitive surface
Glass
Connected to case
KSPDA0195EC
KSPDA0203EB
(6) S1226-44BK
(5) S1226-44BQ


Similar Part No. - S1226_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S1226-18BK HAMAMATSU-S1226-18BK Datasheet
225Kb / 4P
   SI PHOTO DIODE
S1226-18BK HAMAMATSU-S1226-18BK Datasheet
313Kb / 3P
   Si photodiode For UV to visible, precision photometry; suppressed IR sensitivity
S1226-18BQ HAMAMATSU-S1226-18BQ Datasheet
225Kb / 4P
   SI PHOTO DIODE
S1226-18BQ HAMAMATSU-S1226-18BQ Datasheet
313Kb / 3P
   Si photodiode For UV to visible, precision photometry; suppressed IR sensitivity
S1226-18BU HAMAMATSU-S1226-18BU Datasheet
93Kb / 2P
   Si photodiode For high power UV monitor, and UV to visible, precision photometry
More results

Similar Description - S1226_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10355-01 HAMAMATSU-S10355-01_15 Datasheet
152Kb / 4P
   Si photodiodes
S5627-01 HAMAMATSU-S5627-01_15 Datasheet
172Kb / 5P
   Si photodiodes
S1227 HAMAMATSU-S1227_15 Datasheet
238Kb / 5P
   Si photodiodes
S6428-01 HAMAMATSU-S6428-01_15 Datasheet
230Kb / 6P
   Si photodiodes
S2386 HAMAMATSU-S2386_15 Datasheet
242Kb / 4P
   Si photodiodes
S1336 HAMAMATSU-S1336_15 Datasheet
269Kb / 6P
   Si photodiodes
S2281 HAMAMATSU-S2281_15 Datasheet
208Kb / 3P
   Si photodiodes
S1087 HAMAMATSU-S1087_15 Datasheet
194Kb / 5P
   Si photodiodes
S2387 HAMAMATSU-S2387_15 Datasheet
626Kb / 4P
   Si photodiodes
S1337 HAMAMATSU-S1337_15 Datasheet
254Kb / 6P
   Si photodiodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com