Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2592 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S2592
Description  S2592_15
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S2592 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S2592_15 Datasheet HTML 1Page - Hamamatsu Corporation S2592_15 Datasheet HTML 2Page - Hamamatsu Corporation S2592_15 Datasheet HTML 3Page - Hamamatsu Corporation S2592_15 Datasheet HTML 4Page - Hamamatsu Corporation S2592_15 Datasheet HTML 5Page - Hamamatsu Corporation S2592_15 Datasheet HTML 6Page - Hamamatsu Corporation S2592_15 Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Si photodiodes
S2592/S3477 series
KSPDA0133EB
Detector (anode)
Detector (cathode)
TE-cooler (-)
TE-cooler (+)
Thermistor
Window
ɸ10 ± 0.2
ɸ14 ± 0.2
ɸ15.3 ± 0.2
ɸ0.45
lead
10.2 ± 0.2
5.1 ± 0.2
Photosensitive
surface
Dimensional outlines (unit: mm)
S2592 series
Current vs. voltage characteristics of TE-cooler
Thermistor temperature characteristics
1.2
Voltage (V)
1.0
0.6
0
0.8
1.4
1.6
(Typ. Ta=25 °C, thermal resistance of heatsink=3 °C/W)
0.4
0.2
00.6
1.0
0.2
0.4
0.8
1.2
Element temperature (°C)
10
3
(Typ.)
10
4
10
5
10
6
-40
-20
0
20
-30
-10
10
30
KSPDB0185EC
KIRDB0116EB


Similar Part No. - S2592_15

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
S2592-44.736 CRYSTEKCRYSTAL-S2592-44.736 Datasheet
104Kb / 1P
   Clock Oscillator 8 Pin Dip, 2.5V, LVCMOS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com