Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7478 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S7478
Description  Si PIN photodiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S7478 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S7478_15 Datasheet HTML 1Page - Hamamatsu Corporation S7478_15 Datasheet HTML 2Page - Hamamatsu Corporation S7478_15 Datasheet HTML 3Page - Hamamatsu Corporation S7478_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.hamamatsu.com
Si PIN photodiode
Large photosensitive area (5 × 5 mm) photo-
sensor with high reliability
S7478
1
Automobile sensor
(Vehicle and traffic information system, laser radar,
front window frost sensor, rain sensor)
Surface mount plastic package: 9 × 9.6 × 1.5t mm
FSO (free space optics)
Large photosensitive area: 5 × 5 mm
Operating temperature range: -40 to +85 °C
Storage temperature range: -40 to +100 °C
High sensitivity: 0.72 A/W (
λ=960 nm)
Features
Applications
Absolute maximum ratings
Parameter
Symbol
Condition
Specification
Unit
Reverse voltage
VR max.
Ta=25 °C
20
V
Operating temperature
Topr
-25 to +85
°C
Storage temperature
Tstg
-40 to +100
°C
Reflow soldering conditions
Tsol*1
Peak temperature 240 °C max., two times (see page 4)
-
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.
*1: JEDEC level 5a
The S7478 is a PIN photodiode having a large photosensitive area (5 × 5 mm) and surface mount flat package with leads.
Electrical and optical characteristics (Ta=25 °C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Spectral response range
λ
-
320 to 1100
-
nm
Peak sensitivity wavelength
λp
-
960
-
nm
Photosensitivity
S
λ=λp
0.6
0.72
-
A/W
Short circuit current
Isc
100 lx, 2856 K
-
26
-
μA
Dark current
ID
VR=10 V
-
0.4
5
nA
Temperature coefficient of ID
TCID
-
1.14
-
times/°C
Cutoff frequency
fc
VR=10 V, RL=50 Ω
-3 dB, λ=780 nm
10
20
-
MHz
Terminal capacitance
Ct
VR=10 V, f=1 MHz
-40
60
pF
Structure
Parameter
Specification
Unit
Photosensitive area
5 × 5
mm
Package
Plastic
-
Window material
Silicone resin
-


Similar Part No. - S7478_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S7476F ETC-S7476F Datasheet
146Kb / 2P
   DUAL JK FLIP - FLOP
S7476W ETC-S7476W Datasheet
146Kb / 2P
   DUAL JK FLIP - FLOP
More results

Similar Description - S7478_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8650 HAMAMATSU-S8650_15 Datasheet
352Kb / 3P
   Si PIN photodiode
S5980 HAMAMATSU-S5980_15 Datasheet
329Kb / 2P
   Si PIN photodiode
S5821 HAMAMATSU-S5821_15 Datasheet
102Kb / 4P
   Si PIN photodiode
logo
Integral Corp.
IWPH01-02 INTEGRAL-IWPH01-02 Datasheet
152Kb / 3P
   SI PIN PHOTODIODE
logo
Hamamatsu Corporation
S7797 HAMAMATSU-S7797 Datasheet
142Kb / 2P
   Si PIN photodiode
S10993-05GT HAMAMATSU-S10993-05GT Datasheet
215Kb / 6P
   Si PIN photodiode
S8385 HAMAMATSU-S8385 Datasheet
115Kb / 2P
   Si PIN photodiode
S9345 HAMAMATSU-S9345_15 Datasheet
191Kb / 4P
   Si PIN photodiode
S5106 HAMAMATSU-S5106_15 Datasheet
397Kb / 4P
   Si PIN photodiode
S10993-02CT HAMAMATSU-S10993-02CT_15 Datasheet
240Kb / 6P
   Si PIN photodiode
S4349 HAMAMATSU-S4349 Datasheet
125Kb / 2P
   Si PIN photodiode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com