Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8559 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S8559
Description  Detector for X-ray monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S8559 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S8559_15 Datasheet HTML 1Page - Hamamatsu Corporation S8559_15 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l Si photodiode coupled to low cost CsI scintillator
l Ideal for detection of X-ray energy below 100 keV
Applications
l X-ray detection
l X-ray monitors
PHOTODIODE
Si photodiode
Detector for X-ray monitor
S8559
s Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Value
Unit
Reverse voltage
VR Max.
5
V
Operating temperature
Topr
-10 to +60
°C
Storage temperature
Tstg
-20 to +70
°C
s Electrical and optical characteristics (without scintillator, Ta=25
°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Spectral response range
λ
-
190 to 1000
-
nm
Peak sensitivity wavelength
λp
720
-
nm
Photo sensitivity
S
λ=500 nm
-
0.26
-
A/W
Dark current
ID
VR=10 mV
-
2
50
pA
Terminal capacitance
Ct
VR=0 V, f=10 kHz
-
950
-
pF
s X-ray sensitivity (reference value, tube current: 1.0 mA, aluminum filter: t=6 mm, distance=830 mm)
X-ray tube voltage
Typ.
Unit
120 kV
52
nA
Note) Depends on equipment and measurement conditions.
Avoid storing or using S8559 at high humidity because CsI scintillator has deliquescence.
Handling precautions
1


Similar Part No. - S8559_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8559 HAMAMATSU-S8559 Datasheet
87Kb / 2P
   Si photodiode Detector for X-ray monitor
More results

Similar Description - S8559_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8559 HAMAMATSU-S8559 Datasheet
87Kb / 2P
   Si photodiode Detector for X-ray monitor
S8193 HAMAMATSU-S8193 Datasheet
86Kb / 2P
   Si photodiode Detector for X-ray monitors
S7878 HAMAMATSU-S7878 Datasheet
101Kb / 2P
   Si photodiode High sensitivity X-ray detector
logo
Texas Instruments
AFE0064 TI-AFE0064_13 Datasheet
1Mb / 31P
[Old version datasheet]   64 Channel Analog Front End for Digital X-Ray Detector
AFE0064 TI-AFE0064 Datasheet
545Kb / 25P
[Old version datasheet]   64 Channel Analog Front End for Digital X-Ray Detector
AFE0064 TI1-AFE0064_14 Datasheet
1Mb / 32P
[Old version datasheet]   64 Channel Analog Front End for Digital X-Ray Detector
AFE0256 TI1-AFE0256 Datasheet
2Mb / 5P
[Old version datasheet]   256-Channel Analog Front-End for Flat-Panel Digital X-Ray Detector
logo
Hamamatsu Corporation
S7978 HAMAMATSU-S7978 Datasheet
87Kb / 2P
   Si photodiode array 5 횞 5 element array for X-ray detector
logo
Voltage Multipliers Inc...
XRS040N100 VMI-XRS040N100 Datasheet
171Kb / 2P
   Portable X-Ray
XRS040N100 VMI-XRS040N100_07 Datasheet
764Kb / 2P
   Portable X-Ray
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com