Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIS5232 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NIS5232
Description  Volt Electronic Fuse
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIS5232 Datasheet(HTML) 4 Page - ON Semiconductor

  NIS5232 Datasheet HTML 1Page - ON Semiconductor NIS5232 Datasheet HTML 2Page - ON Semiconductor NIS5232 Datasheet HTML 3Page - ON Semiconductor NIS5232 Datasheet HTML 4Page - ON Semiconductor NIS5232 Datasheet HTML 5Page - ON Semiconductor NIS5232 Datasheet HTML 6Page - ON Semiconductor NIS5232 Datasheet HTML 7Page - ON Semiconductor NIS5232 Datasheet HTML 8Page - ON Semiconductor NIS5232 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NIS5232 Series
http://onsemi.com
4
10
0
30
20
50
40
60
0.1
1
10
100
1000
10000 100000
TIME (ms)
25_C
80_C
50_C
Figure 2. Power Dissipation vs. Thermal Trip Time
Figure 3. Application Circuit with Direct Current Sensing
LOAD
GND
ENABLE
+12 V
RS
NIS5232
SOURCE
VCC
ENABLE/
FAULT
ILIMIT
dv/dt
GND
10
9
8
7
6
4
11
3
12
Figure 4. Application Circuit with Kelvin Current Sensing
LOAD
GND
ENABLE
+12 V
RS
NIS5232
SOURCE
VCC
ENABLE/
FAULT
ILIMIT
dv/dt
GND
10
9
8
7
6
4
11
3
12


Similar Part No. - NIS5232

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5020 ONSEMI-NIS5020 Datasheet
651Kb / 14P
   12 Volt Electronic Fuse
July, 2019 ??Rev. 3
NIS5020MT1TXG ONSEMI-NIS5020MT1TXG Datasheet
651Kb / 14P
   12 Volt Electronic Fuse
July, 2019 ??Rev. 3
NIS5020MT2TXG ONSEMI-NIS5020MT2TXG Datasheet
651Kb / 14P
   12 Volt Electronic Fuse
July, 2019 ??Rev. 3
NIS5021 ONSEMI-NIS5021 Datasheet
651Kb / 14P
   12 Volt Electronic Fuse
July, 2019 ??Rev. 3
NIS5021MT1TXG ONSEMI-NIS5021MT1TXG Datasheet
651Kb / 14P
   12 Volt Electronic Fuse
July, 2019 ??Rev. 3
More results

Similar Description - NIS5232

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5452 ONSEMI-NIS5452 Datasheet
80Kb / 8P
   Volt Electronic Fuse
June, 2015 ??Rev. 0
NIS5452 ONSEMI-NIS5452_16 Datasheet
88Kb / 9P
   5 Volt Electronic Fuse
June, 2016 ??Rev. 3
NIS5132MN3TXG ONSEMI-NIS5132MN3TXG Datasheet
264Kb / 11P
   12 Volt Electronic Fuse
February, 2012 ??Rev. 9
NIS5132 ONSEMI-NIS5132_14 Datasheet
272Kb / 11P
   12 Volt Electronic Fuse
July, 2014 ??Rev. 10
NIS5431MT1TXG ONSEMI-NIS5431MT1TXG Datasheet
80Kb / 7P
   3.3 Volt Electronic Fuse
November, 2015 ??Rev. 1
NIS5020 ONSEMI-NIS5020 Datasheet
651Kb / 14P
   12 Volt Electronic Fuse
July, 2019 ??Rev. 3
NIS5431 ONSEMI-NIS5431 Datasheet
81Kb / 8P
   3.3 Volt Electronic Fuse
July, 2016 ??Rev. 5
NIS5132 ONSEMI-NIS5132 Datasheet
297Kb / 12P
   12 Volt Electronic Fuse
September, 2009 ??Rev. 3
NIS5420 ONSEMI-NIS5420 Datasheet
285Kb / 12P
   12 Volt Electronic Fuse
May, 2020 ??Rev. P2
NIS5135 ONSEMI-NIS5135 Datasheet
318Kb / 12P
   5 Volt Electronic Fuse
September, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com