Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV4949DW Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV4949DW
Description  Low Dropout Voltage Regulator with Power-On Reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4949DW Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV4949DW Datasheet HTML 3Page - ON Semiconductor NCV4949DW Datasheet HTML 4Page - ON Semiconductor NCV4949DW Datasheet HTML 5Page - ON Semiconductor NCV4949DW Datasheet HTML 6Page - ON Semiconductor NCV4949DW Datasheet HTML 7Page - ON Semiconductor NCV4949DW Datasheet HTML 8Page - ON Semiconductor NCV4949DW Datasheet HTML 9Page - ON Semiconductor NCV4949DW Datasheet HTML 10Page - ON Semiconductor NCV4949DW Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NCV4949DW
http://onsemi.com
7
OPERATING DESCRIPTION
The NCV4949DW is a monolithic integrated low dropout
voltage regulator. Several outstanding features and auxiliary
functions are implemented to meet the requirements of
supplying
microprocessor
systems
in
automotive
applications. Nevertheless, it is suitable also in other
applications where the present functions are required. The
modular approach of this device allows the use of other
features and functions independently when required.
Voltage Regulator
The voltage regulator uses an isolated Collector Vertical
PNP transistor as a regulating element. With this structure,
very low dropout voltage at currents up to 100 mA is
obtained. The dropout operation of the standby regulator is
maintained down to 3.0 V input supply voltage. The output
voltage is regulated up to the transient input supply voltage
of 35 V. With this feature no functional interruption due to
overvoltage pulses is generated.
The typical curve showing the standby output voltage as
a function of the input supply voltage is shown in Figure 13.
The current consumption of the device (quiescent current)
is less than 200
mA.
To reduce the quiescent current peak in the undervoltage
region and to improve the transient response in this region,
the dropout voltage is controlled. The quiescent current as
a function of the supply input voltage is shown in Figure 14.
Short Circuit Protection:
The maximum output current is internally limited. In case
of short circuit, the output current is foldback current limited
as described in Figure 12.
0
5.0
20
100
200
Iout (mA)
Figure 12. Foldback Characteristic of Vout
10
Vout
5.0 V
35 V
5.0 V
2.0 V
0 V
Vout
VCC
Figure 13. Output Voltage versus Supply Voltage
3.0
Figure 14. Quiescent Current versus Supply Voltage
2.5
2.0
1.5
1.0
0
5.0
10
15
20
25
30
VCC, SUPPLY VOLTAGE (V)
0.5
0
RL = 5.0 k
RL = 100 W
TJ = 25°C
Preregulator
To improve the transient immunity a preregulator
stabilizes the internal supply voltage to 6.0 V. This internal
voltage is present at Pin 3 (VZ). This voltage should not be
used as an output because the output capability is very small
(
≤ 100 mA).
This output may be used as an option when better transient
behavior for supply voltages less than 8.0 V is required. In
this case a capacitor (100 nF - 1.0
mF) must be connected
between Pin 3 and Gnd. If this feature is not used Pin 3 must
be left open.


Similar Part No. - NCV4949DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4949DWR2 ONSEMI-NCV4949DWR2 Datasheet
116Kb / 10P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Power?뭀n Reset
June, 2006 ??Rev. 9
NCV4949DWR2G ONSEMI-NCV4949DWR2G Datasheet
116Kb / 10P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Power?뭀n Reset
June, 2006 ??Rev. 9
More results

Similar Description - NCV4949DW

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2804 NJRC-NJM2804 Datasheet
136Kb / 5P
   Low Dropout Voltage Regulator with Reset
NJU7272 NJRC-NJU7272 Datasheet
204Kb / 13P
   Low Dropout Voltage Regulator with Reset
Ver.2008-09-16
NJM2806 NJRC-NJM2806 Datasheet
126Kb / 5P
   Low Dropout Voltage Regulator with Reset
NJM2800 NJRC-NJM2800 Datasheet
110Kb / 4P
   Low Dropout Voltage Regulator with Reset
NJM2801 NJRC-NJM2801 Datasheet
134Kb / 4P
   Low Dropout Voltage Regulator with Reset
NJM2805 NJRC-NJM2805 Datasheet
73Kb / 5P
   Low Dropout Voltage Regulator with Reset
NJM2807 NJRC-NJM2807 Datasheet
81Kb / 5P
   Low Dropout Voltage Regulator with Reset
logo
Sanyo Semicon Device
LA5602 SANYO-LA5602 Datasheet
91Kb / 4P
   Low-Dropout Voltage Regulator with Reset and On-Off Function
LA5601 SANYO-LA5601 Datasheet
196Kb / 8P
   Low Dropout Regulator with Reset
logo
ON Semiconductor
MC33267 ONSEMI-MC33267 Datasheet
128Kb / 8P
   LOW DROPOUT REGULATOR with POWER-UP RESET
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com