Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS2333 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCS2333
Description  Low Power, Zero-Drift Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2333 Datasheet(HTML) 5 Page - ON Semiconductor

  NCS2333 Datasheet HTML 1Page - ON Semiconductor NCS2333 Datasheet HTML 2Page - ON Semiconductor NCS2333 Datasheet HTML 3Page - ON Semiconductor NCS2333 Datasheet HTML 4Page - ON Semiconductor NCS2333 Datasheet HTML 5Page - ON Semiconductor NCS2333 Datasheet HTML 6Page - ON Semiconductor NCS2333 Datasheet HTML 7Page - ON Semiconductor NCS2333 Datasheet HTML 8Page - ON Semiconductor NCS2333 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NCS333, NCV333, NCS2333, NCV2333, NCS4333, NCV4333
www.onsemi.com
5
ELECTRICAL CHARACTERISTICS: VS = 1.8 V to 5.5 V
At TA = +25°C, RL = 10 kW connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
Boldface limits apply over the specified temperature range, guaranteed by characterization and/or design.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VS = +5 V
NCx333
3.5
10
mV
NCxx333
20
Offset Voltage Drift vs Temp
DVOS/DT
0.03
0.07
mV/°C
Offset Voltage Drift vs Supply
DVOS/DVS
VS = 1.8 V to 5.5 V
0.32
5
mV/V
Input Bias Current
IIB
±60
±200
pA
+400
Input Offset Current
IOS
±50
±400
pA
Common Mode Rejection Ratio
CMRR
VSS − 0.1 < VCM <
VDD + 0.1
VS = 1.8 V
111
dB
VS = 3.3 V
118
VS = 5.0 V
106
123
VS = 5.5 V
127
Input Resistance
RIN
Differential
180
G
W
Common Mode
90
Input Capacitance
CIN
NCx333
Differential
2.3
pF
Common Mode
4.6
NCx2333
Differential
4.1
Common Mode
7.9
OUTPUT CHARACTERISTICS
Open Loop Voltage Gain
AVOL
VSS + 100 mV < VCM < VDD − 100 mV
106
145
dB
Open Loop Output Impedance
Zout−OL
f = 350 kHz,
IO = 0 mA
NCx333
300
W
f = 255 kHz,
IO = 0 mA
NCx2333
460
Output Voltage High
VOH
Referenced to VDD
8
50
mV
70
Output Voltage Low
VOL
Referenced to VSS
5
50
mV
70
Output Current Capability
IO
Sinking Current
25
mA
Sourcing Current
6
Capacitive Load Drive
CL
See Figure 13
NOISE PERFORMANCE
Voltage Noise Density
eN
fIN = 1 kHz
62
nV /
√Hz
Voltage Noise
eP−P
fIN = 0.1 Hz to 10 Hz
1.1
mVPP
fIN = 0.01 Hz to 1 Hz
0.5
Current Noise Density
iN
fIN = 10 Hz
NCx333
350
fA /
√Hz
NCxx333
200
DYNAMIC PERFORMANCE
Gain Bandwidth Product
GBWP
CL = 100 pF
NCx333
350
kHz
NCxx333
255
Gain Margin
AM
CL = 100 pF
18
dB


Similar Part No. - NCS2333

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2333 ONSEMI-NCS2333 Datasheet
1Mb / 22P
   Operational Amplifier, Zero-Drift, 10 V Offset, 0.07 V/C
April, 2021 - Rev. 20
NCS2333DMR2G ONSEMI-NCS2333DMR2G Datasheet
640Kb / 16P
   Low Power, Zero-Drift Operational Amplifier
October, 2016 ??Rev. 10
NCS2333DMR2G ONSEMI-NCS2333DMR2G Datasheet
931Kb / 27P
   Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
NCS2333DR2G ONSEMI-NCS2333DR2G Datasheet
640Kb / 16P
   Low Power, Zero-Drift Operational Amplifier
October, 2016 ??Rev. 10
NCS2333DR2G ONSEMI-NCS2333DR2G Datasheet
931Kb / 27P
   Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
More results

Similar Description - NCS2333

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS333 ONSEMI-NCS333_16 Datasheet
640Kb / 16P
   Low Power, Zero-Drift Operational Amplifier
October, 2016 ??Rev. 10
logo
Linear Technology
LTC1049CN8PBF LINER-LTC1049CN8PBF Datasheet
203Kb / 12P
   Low Power Zero-Drift Operational Amplifier
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2970H AKM-AK2970H Datasheet
424Kb / 10P
   Zero Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_16 Datasheet
762Kb / 15P
   Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
NCS333A ONSEMI-NCS333A_18 Datasheet
931Kb / 27P
   Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
logo
Linear Technology
LTC1052 LINER-LTC1052_09 Datasheet
850Kb / 24P
   Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325 Datasheet
717Kb / 10P
   Zero-Drift Operational Amplifier
June, 2014 ??Rev. 1
logo
Linear Technology
LTC7652 LINER-LTC7652_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_17 Datasheet
763Kb / 15P
   Zero-Drift Operational Amplifier
March, 2017 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com