Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS12802 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCS12802
Description  Programmable Gamma Voltage Reference Generator with Integrated Auto-read
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS12802 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCS12802 Datasheet HTML 4Page - ON Semiconductor NCS12802 Datasheet HTML 5Page - ON Semiconductor NCS12802 Datasheet HTML 6Page - ON Semiconductor NCS12802 Datasheet HTML 7Page - ON Semiconductor NCS12802 Datasheet HTML 8Page - ON Semiconductor NCS12802 Datasheet HTML 9Page - ON Semiconductor NCS12802 Datasheet HTML 10Page - ON Semiconductor NCS12802 Datasheet HTML 11Page - ON Semiconductor NCS12802 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
NCS12802
http://onsemi.com
8
TYPICAL CHARACTERISTICS
TA = +25°C, AVDD = 15 V, DVDD = 3.3 V, RL = 1.5 kW connected to Ground, CL = 200 pF, unless otherwise specified
Figure 13. Analog Supply Current Histogram
7175 Units
2
2.8
3.6
4.4
5.2
6.4 6.8
2.4
3.2
4
4.8
6
5.6
1600
1200
800
400
0
APPLICATIONS INFORMATION
POWER SUPLIES
The NCS12802 has two power supplies: (AVDD, AGND)
and (DVDD, DGND).
DVDD is the digital power supply ranging from 2.3 V to
5.0 V and common to the timing controller and the device
control interface. It provides the power supply for the digital
circuitry inside the device. AVDD is the analog power
supply and ranges from 9 V to 17.5 V offering a wide
dynamic voltage range to the gamma reference generator
particularly suitable for medium size and big size LCD
panels.
DVDD must be applied prior to or together with AVDD
in order to prevent excessive power and current
consumption (damage to the device may occur if AVDD left
connected for an extended time without DVDD).
BUFFERS
The NCS12802 offers twelve programmable voltage
references each with 10 bits resolution (1024−steps). Due to
an I2C interface, a double−register structure per channel
allowing data pre−loading
, the NCS12802 allows fast, easy
and dynamic updating of all the voltage references
alternatively. The two−wire interface can be connected to
standard (100 kHz), fast mode (400 kHz) or even a High
Speed mode (3.4 MHz) I2C bus. Each buffer is capable of
full−scale change in output voltage in less than 5
ms.
All buffers can be driven to within 200 mV of the positive
supply rail, and to within 0.07 V of the ground rail. The
output can also switch full scale monitoring LD or BSKSEL
pins in 5
ms.
I2C SERIAL CONTROL INTERFACE INTRODUCTION
SCL
SDA
Start Condition
Stop Condition
Command
and/or data
Address Byte
Acknowledgment
from slave
b7
Ack
b6 b5 b4 b3 b2 b1 b0
Figure 14. I2C Bus Format
The NCS12802 communicates with the external timing
controller using an I2C communication protocol. The
NCS12802 is intended to operate also as a master controller
depending on logic pins configuration. It is under the control
of the timing controller (master device), which controls the
clock (pin SCL) and the read or write operations through
SDA. Both pins require pull up resistors on their path for
proper operations.
A communication is initiated by the master with a START
condition toggling the SDA line from High to Low while
SCL is High (Figure 14). The last bit (b0) in the slave
address byte indicates if a write or read operation is
intended. At the 9th clock pulse the device being addressed
responds to the master by performing an Acknowledge
(ACK) consisting to pull SDA at a Low level (ACK = SDA
LOW right at the 9th clock pulse, see Figure 14). Each byte
has to be followed by an acknowledge bit (Ack).


Similar Part No. - NCS12802

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCS12 MURATA-PS-NCS12 Datasheet
444Kb / 14P
   Isolated 12W 4:1 Input Single & Dual Output DC/DC Converters
NCS12 MURATA-PS-NCS12 Datasheet
536Kb / 18P
   Isolated 12W 4:1 Input Single & Dual Output DC-DC Converters
2023
NCS12D1205C MURATA-PS-NCS12D1205C Datasheet
444Kb / 14P
   UL 60950 recognition pending 4:1 Wide range voltage input
NCS12D1205C MURATA-PS-NCS12D1205C Datasheet
444Kb / 14P
   Isolated 12W 4:1 Input Single & Dual Output DC/DC Converters
NCS12D1212C MURATA-PS-NCS12D1212C Datasheet
444Kb / 14P
   UL 60950 recognition pending 4:1 Wide range voltage input
More results

Similar Description - NCS12802

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5679 MAXIM-MAX5679 Datasheet
82Kb / 2P
   Digitally Programmable LCD Gamma Reference Generator with Digital Voltage Reference
11/9/2009
logo
Texas Instruments
BUF12840 TI-BUF12840 Datasheet
378Kb / 8P
[Old version datasheet]   Programmable Gamma-Voltage Generator
BUF12840 TI1-BUF12840_15 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator
BUF16821-Q1 TI1-BUF16821-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Programmable Gamma-Voltage Generator
BUF08630 TI-BUF08630 Datasheet
430Kb / 8P
[Old version datasheet]   Programmable Gamma-Voltage Generator
BUF16821 TI-BUF16821_1 Datasheet
813Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF12840 TI-BUF12840_12 Datasheet
395Kb / 26P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
logo
EPCOS
BUF16821 EPCOS-BUF16821 Datasheet
826Kb / 29P
   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Texas Instruments
BUF22821 TI-BUF22821 Datasheet
751Kb / 25P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF12840 TI1-BUF12840_14 Datasheet
1Mb / 32P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com