Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB10N40E Datasheet(PDF) 3 Page - ON Semiconductor

Part # MTB10N40E
Description  High Energy Power FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTB10N40E Datasheet(HTML) 3 Page - ON Semiconductor

  MTB10N40E Datasheet HTML 1Page - ON Semiconductor MTB10N40E Datasheet HTML 2Page - ON Semiconductor MTB10N40E Datasheet HTML 3Page - ON Semiconductor MTB10N40E Datasheet HTML 4Page - ON Semiconductor MTB10N40E Datasheet HTML 5Page - ON Semiconductor MTB10N40E Datasheet HTML 6Page - ON Semiconductor MTB10N40E Datasheet HTML 7Page - ON Semiconductor MTB10N40E Datasheet HTML 8Page - ON Semiconductor MTB10N40E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MTB10N40E
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 μAdc)
Temperature Coefficient (Positive)
V(BR)DSS
400
398
Vdc
mV/°C
Zero Gate Voltage Drain Current
(VDS = 400 Vdc, VGS = 0 Vdc)
(VDS = 400 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
0.1
1.0
μAdc
Gate−Body Leakage Current−Forward
(Vgsf = 20 Vdc, VDS = 0)
IGSSF
100
nAdc
Gate−Body Leakage Current−Reverse
(Vgsr = 20 Vdc, VDS = 0)
IGSSR
100
nAdc
ON CHARACTERISTICS (1)
Gate Threshold Voltage
(VDS = VGS, ID = 250 μAdc)
Temperature Coefficient (Negative)
VGS(th)
2.0
2.8
6.3
4.0
Vdc
mV/°C
Static Drain−Source On−Resistance (VGS = 10 Vdc, ID = 5.0 Adc)
RDS(on)
0.4
0.55
Ohm
Drain−Source On−Voltage (VGS = 10 Vdc)
(ID = 10 Adc)
(ID = 5.0 Adc, TJ = 125°C)
VDS(on)
5.61
6.6
5.5
Vdc
Forward Transconductance (VDS = 15 Vdc, ID = 5.0 Adc)
gFS
4.0
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
1570
2200
pF
Output Capacitance
Coss
230
325
Reverse Transfer Capacitance
Crss
55
110
SWITCHING CHARACTERISTICS (2)
Turn−On Delay Time
(VDD = 200 Vdc, ID = 10 Adc,
VGS = 10 Vdc,
RG = 10 Ω)
td(on)
25
50
ns
Rise Time
tr
37
75
Turn−Off Delay Time
td(off)
75
150
Fall Time
tf
31
65
Gate Charge
(See Figure 8)
(VDS = 320 Vdc, ID = 10 Adc,
VGS = 10 Vdc)
QT
46
63
nC
Q1
10
Q2
23
Q3
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage (1)
(IS = 10 Adc, VGS = 0 Vdc)
(IS = 10 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
0.9
2.0
Vdc
Reverse Recovery Time
(See Figure 14)
(IS = 10 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/μs)
trr
250
ns
Reverse Recovery Stored Charge
QRR
3000
nC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from the tab to center of die)
(Measured from the drain lead 0.25″ from package to center of die)
LD
3.5
4.5
nH
Internal Source Inductance
(Measured from the source lead 0.25″ from package to source bond pad)
LS
7.5
nH
(1) Pulse Test: Pulse Width ≤ 300 μs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.


Similar Part No. - MTB10N40E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB10N40E MOTOROLA-MTB10N40E Datasheet
273Kb / 10P
   TMOS POWER FET 10 AMPERES
logo
Inchange Semiconductor ...
MTB10N40E ISC-MTB10N40E Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
MTB10N40ET4G VBSEMI-MTB10N40ET4G Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - MTB10N40E

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MTP4N50E NJSEMI-MTP4N50E Datasheet
171Kb / 2P
   High Energy Power FET
logo
ON Semiconductor
MTB16N25E ONSEMI-MTB16N25E Datasheet
280Kb / 11P
   High Energy Power FET
August, 2006 ??Rev. 1
MMFT2N25E ONSEMI-MMFT2N25E Datasheet
142Kb / 6P
   High Energy Power FET
May, 2013 ??Rev. 2
MTB3N60E ONSEMI-MTB3N60E Datasheet
146Kb / 4P
   High Energy Power FET
August, 2006 ??Rev. 1
MTB9N25E ONSEMI-MTB9N25E Datasheet
293Kb / 12P
   High Energy Power FET
August, 2006 ??Rev. 1
MTB2N60E ONSEMI-MTB2N60E Datasheet
269Kb / 10P
   High Energy Power FET
August, 2006 ??Rev. 1
MTP3N60E ONSEMI-MTP3N60E Datasheet
235Kb / 8P
   High Energy Power FET
August, 2006 ??Rev. 3
MTB3N100E ONSEMI-MTB3N100E Datasheet
285Kb / 11P
   High Energy Power FET
August, 2006 ??Rev. 3
MTP4N50E ONSEMI-MTP4N50E Datasheet
261Kb / 10P
   High Energy Power FET
August, 2006 ??Rev. 2
logo
Motorola, Inc
MTH8N50E MOTOROLA-MTH8N50E Datasheet
631Kb / 6P
   TMOS E-FET High Energy Power FET N-Channel Enhancement-Mode Silicon Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com