Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB10N40E Datasheet(PDF) 5 Page - ON Semiconductor

Part # MTB10N40E
Description  High Energy Power FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTB10N40E Datasheet(HTML) 5 Page - ON Semiconductor

  MTB10N40E Datasheet HTML 1Page - ON Semiconductor MTB10N40E Datasheet HTML 2Page - ON Semiconductor MTB10N40E Datasheet HTML 3Page - ON Semiconductor MTB10N40E Datasheet HTML 4Page - ON Semiconductor MTB10N40E Datasheet HTML 5Page - ON Semiconductor MTB10N40E Datasheet HTML 6Page - ON Semiconductor MTB10N40E Datasheet HTML 7Page - ON Semiconductor MTB10N40E Datasheet HTML 8Page - ON Semiconductor MTB10N40E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MTB10N40E
http://onsemi.com
5
POWER MOSFET SWITCHING
Switching behavior is most easily modeled and predicted
by recognizing that the power MOSFET is charge
controlled. The lengths of various switching intervals (Δt)
are determined by how fast the FET input capacitance can
be charged by current from the generator.
The published capacitance data is difficult to use for
calculating rise and fall because drain−gate capacitance
varies greatly with applied voltage. Accordingly, gate
charge data is used. In most cases, a satisfactory estimate
of average input current (IG(AV)) can be made from a
rudimentary analysis of the drive circuit so that
t = Q/IG(AV)
During the rise and fall time interval when switching a
resistive load, VGS remains virtually constant at a level
known as the plateau voltage, VSGP. Therefore, rise and fall
times may be approximated by the following:
tr = Q2 x RG/(VGG − VGSP)
tf = Q2 x RG/VGSP
where
VGG = the gate drive voltage, which varies from zero to VGG
RG = the gate drive resistance
and Q2 and VGSP are read from the gate charge curve.
During the turn−on and turn−off delay times, gate current is
not constant. The simplest calculation uses appropriate
values from the capacitance curves in a standard equation
for voltage change in an RC network. The equations are:
td(on) = RG Ciss In [VGG/(VGG − VGSP)]
td(off) = RG Ciss In (VGG/VGSP)
The capacitance (Ciss) is read from the capacitance curve
at a voltage corresponding to the off−state condition when
calculating td(on) and is read at a voltage corresponding to
the on−state when calculating td(off).
At high switching speeds, parasitic circuit elements
complicate the analysis. The inductance of the MOSFET
source lead, inside the package and in the circuit wiring
which is common to both the drain and gate current paths,
produces a voltage at the source which reduces the gate
drive current. The voltage is determined by Ldi/dt, but since
di/dt is a function of drain current, the mathematical solution
is complex. The MOSFET output capacitance also
complicates the mathematics. And finally, MOSFETs have
finite internal gate resistance which effectively adds to the
resistance of the driving source, but the internal resistance
is difficult to measure and, consequently, is not specified.
The resistive switching time variation versus gate
resistance (Figure 9) shows how typical switching
performance is affected by the parasitic circuit elements. If
the parasitics were not present, the slope of the curves
would maintain a value of unity regardless of the switching
speed. The circuit used to obtain the data is constructed to
minimize common inductance in the drain and gate circuit
loops and is believed readily achievable with board
mounted components. Most power electronic loads are
inductive; the data in the figure is taken with a resistive load,
which approximates an optimally snubbed inductive load.
Power MOSFETs may be safely operated into an inductive
load; however, snubbing reduces switching losses.
Figure 7. Capacitance Variation
VGS = 0 V
3500
3000
2500
2000
1500
1000
500
0
10
0
5
10
15
20
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (VOLTS)
VGS
VDS
525
VDS = 0 V
TJ = 25°C
Coss
Ciss
Crss


Similar Part No. - MTB10N40E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB10N40E MOTOROLA-MTB10N40E Datasheet
273Kb / 10P
   TMOS POWER FET 10 AMPERES
logo
Inchange Semiconductor ...
MTB10N40E ISC-MTB10N40E Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
MTB10N40ET4G VBSEMI-MTB10N40ET4G Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - MTB10N40E

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MTP4N50E NJSEMI-MTP4N50E Datasheet
171Kb / 2P
   High Energy Power FET
logo
ON Semiconductor
MTB16N25E ONSEMI-MTB16N25E Datasheet
280Kb / 11P
   High Energy Power FET
August, 2006 ??Rev. 1
MMFT2N25E ONSEMI-MMFT2N25E Datasheet
142Kb / 6P
   High Energy Power FET
May, 2013 ??Rev. 2
MTB3N60E ONSEMI-MTB3N60E Datasheet
146Kb / 4P
   High Energy Power FET
August, 2006 ??Rev. 1
MTB9N25E ONSEMI-MTB9N25E Datasheet
293Kb / 12P
   High Energy Power FET
August, 2006 ??Rev. 1
MTB2N60E ONSEMI-MTB2N60E Datasheet
269Kb / 10P
   High Energy Power FET
August, 2006 ??Rev. 1
MTP3N60E ONSEMI-MTP3N60E Datasheet
235Kb / 8P
   High Energy Power FET
August, 2006 ??Rev. 3
MTB3N100E ONSEMI-MTB3N100E Datasheet
285Kb / 11P
   High Energy Power FET
August, 2006 ??Rev. 3
MTP4N50E ONSEMI-MTP4N50E Datasheet
261Kb / 10P
   High Energy Power FET
August, 2006 ??Rev. 2
logo
Motorola, Inc
MTH8N50E MOTOROLA-MTH8N50E Datasheet
631Kb / 6P
   TMOS E-FET High Energy Power FET N-Channel Enhancement-Mode Silicon Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com