Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62746 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS62746
Description  TPS62746 300 mA High Efficiency Buck Converter with Ultra-low Quiescent Current and VIN Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62746 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62746_15 Datasheet HTML 7Page - Texas Instruments TPS62746_15 Datasheet HTML 8Page - Texas Instruments TPS62746_15 Datasheet HTML 9Page - Texas Instruments TPS62746_15 Datasheet HTML 10Page - Texas Instruments TPS62746_15 Datasheet HTML 11Page - Texas Instruments TPS62746_15 Datasheet HTML 12Page - Texas Instruments TPS62746_15 Datasheet HTML 13Page - Texas Instruments TPS62746_15 Datasheet HTML 14Page - Texas Instruments TPS62746_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
VIN
EN
VSEL
SW
VOS
L 2.2 2H
CIN
4.7 2F
VIN
2.0V to 5.5V
Low Power
MCU & RF
TPS62746
CTRL
VINSW
COUT
10 2F
ADC
VOUT
GND
TPS62746
www.ti.com
SLVSD27A – JUNE 2015 – REVISED AUGUST 2015
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The TPS62746 is a high efficiency step down converter with ultra low quiescent current of typically 360 nA. The
device operates with a tiny 2.2-µH inductor and 10-µF output capacitor over the entire recommended operation
range. A dedicated measurement set-up is required for the light load efficiency measurement and device
quiescent current due to the operation in the sub microampere range. In this range any leakage current in the
measurement set-up will impact the measurement results.
10.2 Typical Application
Figure 7. TPS62746 Typical Application Circuit
10.2.1 Design Requirements
The TPS62746 is a highly integrated DC/DC converter. The output voltage is set via a VSEL pin interface. The
design guideline provides a component selection to operate the device within the recommended operating
conditions.
Table 2 shows the list of components for the Application Characteristic Curves
Table 2. Components for Application Characteristic Curves
Reference
Description
Value
Manufacturer
TPS62746
360nA Iq step down converter
Texas Instruments
CIN
Ceramic capacitor, GRM155R61C475ME15
4.7 µF
Murata
COUT
Ceramic capacitor, GRM155R60J106ME11
10 µF
Murata
L
Inductor DFE201610C
2.2 µH
Toko
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS62746


Similar Part No. - TPS62746_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740 TI1-TPS62740 Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
TPS62740DSSR TI1-TPS62740DSSR Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740DSSR TI1-TPS62740DSSR Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
TPS62740DSST TI1-TPS62740DSST Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
More results

Similar Description - TPS62746_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62748 TI-TPS62748_15 Datasheet
667Kb / 22P
[Old version datasheet]   TPS62748 300 mA High Efficiency Buck Converter with Ultra-low Quiescent Current and Load Switch
TPS62743 TI1-TPS62743_16 Datasheet
1Mb / 25P
[Old version datasheet]   300/400 mA High Efficiency Buck Converter with Ultra-low Quiescent Current
TLV627432 TI1-TLV627432 Datasheet
1Mb / 25P
[Old version datasheet]   TLV627432 High Efficiency Buck Converter with Ultra-low Quiescent Current
logo
Freescale Semiconductor...
MC34726 FREESCALE-MC34726 Datasheet
1Mb / 19P
   300 mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Dialog Semiconductor
DA9232 DIALOG-DA9232 Datasheet
1Mb / 50P
   High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
logo
Renesas Technology Corp
DA9232 RENESAS-DA9232 Datasheet
1Mb / 51P
   High Efficiency, Ultra-Low Quiescent Current and Ultra- Low Output Ripple Buck Regulator
28-Feb-2022
logo
Richtek Technology Corp...
RT4823 RICHTEK-RT4823 Datasheet
730Kb / 20P
   Wide Input and Ultra-Low Quiescent Current Boost Converter with High Efficiency
September 2022
logo
Analog Devices
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
   3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
Rev. B
logo
Texas Instruments
TPS62743 TI-TPS62743_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS62743 300mA High Efficient Buck Converter with Ultra-low Quiescent Current
logo
ON Semiconductor
NCV48920 ONSEMI-NCV48920 Datasheet
236Kb / 18P
   Charge Pump Buck/Boost Converter, LDO Regulator, 600 mA/300 mA, Very Low Quiescent Current
July, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com