Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62743 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS62743
Description  TPS62743 300mA High Efficient Buck Converter with Ultra-low Quiescent Current
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62743 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62743_15 Datasheet HTML 5Page - Texas Instruments TPS62743_15 Datasheet HTML 6Page - Texas Instruments TPS62743_15 Datasheet HTML 7Page - Texas Instruments TPS62743_15 Datasheet HTML 8Page - Texas Instruments TPS62743_15 Datasheet HTML 9Page - Texas Instruments TPS62743_15 Datasheet HTML 10Page - Texas Instruments TPS62743_15 Datasheet HTML 11Page - Texas Instruments TPS62743_15 Datasheet HTML 12Page - Texas Instruments TPS62743_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TPS62743
www.ti.com
SLVSCQ0 – JUNE 2015
Feature Description (continued)
The DCS-Control™ topology supports PWM (Pulse Width Modulation) mode for medium and high load
conditions and a Power Save Mode at light loads. During PWM mode, it operates in continuous conduction
mode. The switching frequency is typically 1.2 MHz with a controlled frequency variation depending on the input
voltage and load current. If the load current decreases, the converter seamlessly enters Power Save Mode to
maintain high efficiency down to very light loads. In Power Save Mode, the switching frequency varies linearly
with the load current. Since DCS-Control™ supports both operation modes within one single building block, the
transition from PWM to Power Save Mode is seamless with minimum output voltage ripple. The TPS62743 offers
both excellent DC voltage and superior load transient regulation, combined with low output voltage ripple,
minimizing interference with RF circuits.
9.3.2 Power Save Mode Operation
In Power Save Mode the device operates in PFM (Pulse Frequency Modulation) that generates a single
switching pulse to ramp up the inductor current and recharges the output capacitor, followed by a sleep period
where most of the internal circuits are shutdown to achieve lowest operating quiescent current. During this time,
the load current is supported by the output capacitor. The duration of the sleep period depends on the load
current and the inductor peak current. During the sleep periods, the current consumption of TPS62743 is
reduced to 360 nA. This low quiescent current consumption is achieved by an ultra low power voltage reference,
an integrated high impedance feedback divider network and an optimized Power Save Mode operation.
9.3.3 Output Voltage Selection
The TPS62743 doesn't require an external resistor divider network to program the output voltage. The device
integrates a high impedance feedback resistor divider network that is programmed by the pins VSEL1-3.
TPS62743 supports an output voltage range from 1.2 V to 3.3 V. The output voltage is programmed according to
Table 1. The output voltage can be changed during operation. This can be used for simple dynamic output
voltage scaling.
9.3.4 Output voltage discharge of the buck converter
The device provides automatic output voltage discharge when EN is pulled low or the UVLO is triggered. The
output of the buck converter is discharged over VOS. Because of this the output voltage will ramp up from zero
once the device is enabled again. This is very helpful for accurate start-up sequencing.
9.3.5 Undervoltage Lockout UVLO
To avoid misoperation of the device at low input voltages, an undervoltage lockout is used. The UVLO shuts
down the device at a maximum voltage level of 2.0 V. The device will start at a UVLO level of 2.15 V.
9.3.6 Short circuit protection
The TPS62743 has an integrated current limit on the high side, as well as on the low side MOSFETs. The peak
current in the switch is monitored cycle by cycle and typically limited to 600 mA. The High side MOSFET is
turned off when the typical current limit of 600mA is reached. The low side MOSFET is turned on when the
current decreases below the low side MOSFET current limit of typically 600 mA.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS62743


Similar Part No. - TPS62743_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62743 TI1-TPS62743_16 Datasheet
1Mb / 25P
[Old version datasheet]   300/400 mA High Efficiency Buck Converter with Ultra-low Quiescent Current
More results

Similar Description - TPS62743_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV627432 TI1-TLV627432 Datasheet
1Mb / 25P
[Old version datasheet]   TLV627432 High Efficiency Buck Converter with Ultra-low Quiescent Current
logo
Major-Power Technology ...
MA3001 MPOWER-MA3001 Datasheet
122Kb / 2P
   300mA Ultra-Low Quiescent Current LDO
Rev.1.0
logo
Dialog Semiconductor
DA9230 DIALOG-DA9230 Datasheet
1Mb / 47P
   Ultra-Low Quiescent Current Buck
logo
Renesas Technology Corp
DA9230 RENESAS-DA9230 Datasheet
1Mb / 48P
   Ultra-Low Quiescent Current Buck
25-Feb-2022
logo
Texas Instruments
TPS62743 TI1-TPS62743_16 Datasheet
1Mb / 25P
[Old version datasheet]   300/400 mA High Efficiency Buck Converter with Ultra-low Quiescent Current
logo
Freescale Semiconductor...
34726 FREESCALE-34726 Datasheet
1Mb / 19P
   300mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Linear Technology
LTC3106 LINER-LTC3106 Datasheet
1Mb / 38P
   300mA Low Voltage Buck-Boost Converter with PowerPath and 1.6關A Quiescent Current
logo
Texas Instruments
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com