Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62730 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS62730
Description  TPS6273x Step-Down Converter With Bypass Mode for Ultra Low-Power Wireless Applications
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62730 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62730_15 Datasheet HTML 1Page - Texas Instruments TPS62730_15 Datasheet HTML 2Page - Texas Instruments TPS62730_15 Datasheet HTML 3Page - Texas Instruments TPS62730_15 Datasheet HTML 4Page - Texas Instruments TPS62730_15 Datasheet HTML 5Page - Texas Instruments TPS62730_15 Datasheet HTML 6Page - Texas Instruments TPS62730_15 Datasheet HTML 7Page - Texas Instruments TPS62730_15 Datasheet HTML 8Page - Texas Instruments TPS62730_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
I
With TPS62730
BAT
15
17
19
21
23
25
27
29
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
Battery Voltage - V
BAT
Battery Current
Reduction @
CC2540
0dBm CW TX
Power
Battery Current Reduction of CC2540
2.4GHz Bluetooth Low Energy
System-On-Chip Solution
I
NO TPS62730
BAT
TPS62730
VIN
ON/BYP
STAT
GND
VOUT
SW
V
2.1V
OUT
V
2.2V - 3.9V*
IN
C
2.2
IN
µF
C
2.2
OUT
µF
L 2.2 H
m
ON
BYP
* At V < 2.2V, V
tracks V
IN
OUT
IN
R
pullup
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS62730, TPS62732, TPS62733
SLVSAC3D – MAY 2011 – REVISED DECEMBER 2014
TPS6273x Step-Down Converter With Bypass Mode for Ultra Low-Power Wireless
Applications
1 Features
3 Description
The TPS62730 is a high frequency synchronous step-
1
Input Voltage Range VIN From 1.9 V to 3.9 V
down DC-DC converter optimized for ultra low-power
Typ. 30-nA Ultra Low-Power Bypass Mode
wireless applications. The device is optimized to
Typ. 25-
μA DC-DC Quiescent Current
supply TI's Low-Power Wireless sub 1-GHz and 2.4-
GHz RF transceivers and System-On-Chip (SoC)
Internal Feedback Divider Disconnect
solutions.
The
TPS62730
reduces
the
current
Typical 2.1-
Ω Bypass Switch Between VIN and
consumption drawn from the battery during TX and
VOUT
RX mode by a high efficient step-down voltage
Automatic Transition from DC-DC to Bypass Mode
conversion. The device provides an output current of
up to 100 mA and allows the use of tiny and low-cost
Up to 3-MHz Switch Frequency
chip inductors and capacitors. With an input voltage
Up to 95% DC-DC Efficiency
range of 1.9 V to 3.9 V, the device supports Li-
Open-Drain Status Output STAT
primary battery chemistries such as Li-SOCl2, Li-
Output Peak Current up to 100 mA
SO2, Li-MnO2, and also two cell alkaline batteries.
Fixed Output Voltages 1.9 V, 2.05 V, 2.1 V, 2.3 V
The TPS62730 features an Ultra Low-Power bypass
mode with typical 30-nA current consumption to
Small External Output Filter Components 2.2
μH
support sleep and low power modes of TI's CC2540
and 2.2
μF
Bluetooth Low Energy and CC430 SoC solutions. In
Optimized For Low Output Ripple Voltage
this bypass mode, the output capacitor of the DC-DC
Small 1 × 1.5 × 0.6-mm3 USON Package
converter is connected through an integrated typical
12-mm2 Minimum Solution Size
2.1-
Ω bypass switch to the battery.
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
CC2540 Bluetooth™ Low-Energy
TPS62730
System-On-Chip Solution
TPS62732
USON (6)
1.45 mm x 1.00 mm
Low-Power Wireless Applications
TPS62733
RF4CE, Metering
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application
Battery Current Reduction Using TPS62730
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS62730_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62730_1107 TI-TPS62730_1107 Datasheet
4Mb / 27P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI-TPS62730_12 Datasheet
5Mb / 28P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI1-TPS62730_14 Datasheet
5Mb / 29P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
More results

Similar Description - TPS62730_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62730_1107 TI-TPS62730_1107 Datasheet
4Mb / 27P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI-TPS62730_12 Datasheet
5Mb / 28P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI1-TPS62730_14 Datasheet
5Mb / 29P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI1-TPS62730 Datasheet
4Mb / 25P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless
MAY2011
TPS62745 TI1-TPS62745_16 Datasheet
4Mb / 34P
[Old version datasheet]   Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS62745 TI-TPS62745_15 Datasheet
4Mb / 34P
[Old version datasheet]   TPS62745 Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
logo
Maxim Integrated Produc...
MAX77271 MAXIM-MAX77271 Datasheet
3Mb / 20P
   Multimode PA Step-Down Converter with Linear Bypass Mode
19-6508; Rev 0; 12/12
logo
Texas Instruments
LM3212 TI-LM3212_15 Datasheet
942Kb / 25P
[Old version datasheet]   LM3212 Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com