Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62560 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS62560
Description  2.25-MHz, 600-mA Step-Down Converter in TSOT and 2 횞 2 횞 0.8-mm QFN Package
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62560 Datasheet(HTML) 5 Page - Texas Instruments

  TPS62560_15 Datasheet HTML 1Page - Texas Instruments TPS62560_15 Datasheet HTML 2Page - Texas Instruments TPS62560_15 Datasheet HTML 3Page - Texas Instruments TPS62560_15 Datasheet HTML 4Page - Texas Instruments TPS62560_15 Datasheet HTML 5Page - Texas Instruments TPS62560_15 Datasheet HTML 6Page - Texas Instruments TPS62560_15 Datasheet HTML 7Page - Texas Instruments TPS62560_15 Datasheet HTML 8Page - Texas Instruments TPS62560_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Zero-Pole
Amp.
Integrator
Error Amplifier
+1% Voltagepositioning
PWM
Comp.
VREF
Control
Stage
GateDriver
Anti-
Shoot-Through
Current-
LimitComparator
Current-
LimitComparator
VREF +1%
FB
FB
VIN
GND
MODE
2.25-MHz
Oscillator
SW1
EN
V
IN
Softstart
VOUT RAMP
CONTROL
Thermal
Shutdown
.6
Reference
0
VVREF
Undervoltage
Lockout 1.8 V
Limit
HighSide
Limit
LowSide
Sawtooth
Generator
Int. Resistor
Network
FB
RI 1
RI..N
MODE
Onlyin 2x2SON
GND
PFMComparator
V
IN
GND
EN
FB
SW
TPS62560DRV
R
1
R
2
V
OUT
MODE
L
2.2 H
m
C
22pF
1
C
10 F
OUT
m
L:
LPS3015,2.2 H,110m
C :GRM188R60J475K,4.7 F,Murata,0603size
C
:
m
W
m
IN
OUT GRM188R60J106M,10
F,Murata,0603size
m
C
4.7 F
IN
m
TPS62560, TPS62561
TPS62562
www.ti.com
SLVS815C – JANUARY 2008 – REVISED DECEMBER 2009
FUNCTIONAL BLOCK DIAGRAM
PARAMETER MEASUREMENT INFORMATION
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS62560 TPS62561 TPS62562


Similar Part No. - TPS62560_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62560DRVR TI-TPS62560DRVR Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TPS62560DRVRG4 TI-TPS62560DRVRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TPS62560DRVT TI-TPS62560DRVT Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TPS62560DRVTG4 TI-TPS62560DRVTG4 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
More results

Similar Description - TPS62560_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62560 TI-TPS62560 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TPS62262DDCT TI-TPS62262DDCT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62590-Q1 TI-TPS62590-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS62590-Q1 Automotive 2.25-MHz 1-A Step-Down Converter In 2-mm 횞 2-mm SON Package
TPS62420 TI-TPS62420_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS6242x 2.25-MHz 600-mA and 1000-mA Dual Step-Down Converter in Small 3-mm 횞 3-mm VSON Package
TPS62410 TI1-TPS62410_16 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 2 x 800-mA Dual Step-Down Converter in Small 3 횞 3 mm VSON Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62260 TI-TPS62260_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS6226x 2.25-MHz 600-mA Step Down Converter in 2 x 2 WSON and SOT Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com