Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62153A-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62153A-Q1
Description  TPS6215xA-Q1 3V to 17-V 1A Step-Down Converter with DCS-ControlTM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62153A-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62153A-Q1 Datasheet HTML 7Page - Texas Instruments TPS62153A-Q1 Datasheet HTML 8Page - Texas Instruments TPS62153A-Q1 Datasheet HTML 9Page - Texas Instruments TPS62153A-Q1 Datasheet HTML 10Page - Texas Instruments TPS62153A-Q1 Datasheet HTML 11Page - Texas Instruments TPS62153A-Q1 Datasheet HTML 12Page - Texas Instruments TPS62153A-Q1 Datasheet HTML 13Page - Texas Instruments TPS62153A-Q1 Datasheet HTML 14Page - Texas Instruments TPS62153A-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
(
)
L
)
on
(
DS
OUT
(min)
OUT
(min)
IN
R
R
I
V
V
+
+
=
ON
OUT
IN
peak
LPSM
t
L
V
V
I
×
-
=
)
(
)
(
ns
V
V
t
IN
OUT
ON
400
×
=
TPS62150A-Q1, TPS62153A-Q1
www.ti.com
SLVSCC3 – MAY 2014
Feature Description (continued)
(1)
For very small output voltages, an absolute minimum on-time of about 80ns is kept to limit switching losses. The
operating frequency is thereby reduced from its nominal value, which keeps efficiency high. Using tON, the typical
peak inductor current in Power Save Mode can be approximated by:
(2)
When VIN decreases to typically 15% above VOUT, the TPS6215xA-Q1 won't enter Power Save Mode,
regardless of the load current. The device maintains output regulation in PWM mode.
10.3.3 100% Duty-Cycle Operation
The duty cycle of the buck converter is given by D=Vout/Vin and increases as the input voltage comes close to
the output voltage. In this case, the device starts 100% duty cycle operation turning on the high-side switch
100% of the time. The high-side switch stays turned on as long as the output voltage is below the internal set
point. This allows the conversion of small input to output voltage differences, e.g. for longest operation time of
battery-powered applications. In 100% duty cycle mode, the low-side FET is switched off.
The minimum input voltage to maintain output voltage regulation, depending on the load current and the output
voltage level, can be calculated as:
spacing
(3)
where
IOUT is the output current,
RDS(on) is the RDS(on) of the high-side FET and
RL is the DC resistance of the inductor used.
10.3.4 Enable / Shutdown (EN)
When Enable (EN) is set High, the device starts operation. Shutdown is forced if EN is pulled Low with a
shutdown current of typically 1.5µA. During shutdown, the internal power MOSFETs as well as the entire control
circuitry are turned off. The internal resistive divider pulls down the output voltage smoothly. The EN signal must
be set externally to High or Low. An internal pull-down resistor of about 400k
Ω is connected and keeps EN logic
low, if Low is set initially and then the pin gets floating. It is disconnected if the pin is set High.
Connecting the EN pin to an appropriate output signal of another power rail provides sequencing of multiple
power rails.
10.3.5 Soft Start / Tracking (SS/TR)
The internal soft start circuitry controls the output voltage slope during startup, avoiding excessive inrush current
and ensures a controlled output voltage rise time. It also prevents unwanted voltage drops from high-impedance
power sources or batteries. When EN is set to start device operation, the device starts switching after a delay of
about 50µs and VOUT rises with a slope controlled by an external capacitor connected to the SS/TR pin. See
Figure 25 and Figure 26 for typical startup operation.
Using very small capacitor (or leaving SS/TR pin un-connected) provides fastest startup behavior. The
TPS6215xA-Q1 can start into a pre-biased output. During monotonic pre-biased startup, both of the power
MOSFETs are not allowed to turn on until the device's internal ramp sets an output voltage above the pre-bias
voltage. If the device is set to shutdown (EN=GND), undervoltage lockout or thermal shutdown, an internal
resistor pulls the SS/TR pin down to ensure a proper low level. Returning from those states causes a new startup
sequence as set by the SS/TR connection.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS62150A-Q1 TPS62153A-Q1


Similar Part No. - TPS62153A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62153A-Q1 TI1-TPS62153A-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
More results

Similar Description - TPS62153A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62160 TI1-TPS62160 Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62160 TI1-TPS62160_14 Datasheet
1Mb / 35P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62130A-Q1 TI-TPS62130A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3V to 17-V 3A Step-Down Converter with DCS-Control?
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TPS62170 TI1-TPS62170 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com