Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62153AQRGTRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62153AQRGTRQ1
Description  TPS6215xA-Q1 3V to 17-V 1A Step-Down Converter with DCS-ControlTM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62153AQRGTRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62153AQRGTRQ1 Datasheet HTML 1Page - Texas Instruments TPS62153AQRGTRQ1 Datasheet HTML 2Page - Texas Instruments TPS62153AQRGTRQ1 Datasheet HTML 3Page - Texas Instruments TPS62153AQRGTRQ1 Datasheet HTML 4Page - Texas Instruments TPS62153AQRGTRQ1 Datasheet HTML 5Page - Texas Instruments TPS62153AQRGTRQ1 Datasheet HTML 6Page - Texas Instruments TPS62153AQRGTRQ1 Datasheet HTML 7Page - Texas Instruments TPS62153AQRGTRQ1 Datasheet HTML 8Page - Texas Instruments TPS62153AQRGTRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
22uF
3.3V / 1A
10uF
2.2µH
12V
3.3nF
TPS62150A-Q1
470k
150k
PVIN
AVIN
EN
SS/TR
DEF
LOG
SW
VOS
PG
FB
AGND
PGND
100k
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS62150A-Q1, TPS62153A-Q1
SLVSCC3 – MAY 2014
TPS6215xA-Q1 3V to 17-V 1A Step-Down Converter with DCS-ControlTM
1 Features
3 Description
The
TPS62150A-Q1
device
is
an
easy-to-use
1
DCS-Control™ Topology
synchronous step-down DC-DC converter optimized
Qualified for Automotive Applications
for applications with high power density. A high
AEC-Q100 Qualified With the Following Results:
switching frequency of typically 2.5 MHz allows the
use of small inductors and provides fast transient
Device Temperature Grade: –40°C to 125°C
response as well as high output-voltage accuracy
Operating Junction Temperature Range
through the use of the DCS-Control™ topology.
Device HBM ESD Classification Level H2
With a wide operating input-voltage range of 3 to 17
Device CDM ESD Classification Level C4B
V, the device is ideally suited for systems powered
Input Voltage Range: 3 to 17V
from intermediate bus power rails. The device
Adjustable Output Voltage from 0.9 to 6V
supports up to 1A continuous output current at output
voltages between 0.9 V and 6 V (with 100% duty
Pin-Selectable Output Voltage (nominal, + 5%)
cycle mode).
Programmable Soft Start and Tracking
The output-voltage startup ramp is controlled by the
Seamless Power Save Mode Transition
soft-start pin, which allows operation as either a
Quiescent Current of 17µA (typ.)
standalone power supply or in tracking configurations.
Power Good Output
Power sequencing is also possible by configuring the
enable and open-drain power-good pins.
100% Duty Cycle Mode
Short Circuit Protection
In power save mode, the device shows quiescent
current of about 17
μA from VIN. Power save mode
Over Temperature Protection
which is entered automatically and seamlessly if the
Available in a 3 × 3 mm, VQFN-16 Package
load is small, maintains high efficiency over the entire
load range. In shutdown mode, the device is turned
2 Applications
off and shutdown current consumption is less than 2
μA. The device is packaged in a 16-pin VQFN
Automotive POL supply
package measuring 3 × 3 mm (RGT).
Standard 12-V Rail Supplies
Embedded Systems
Device Information(1)
LDO Replacement
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS62150A-Q1
VQFN (16)
3.00 x 3.00 mm
TPS62153A-Q1
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4
Simplified Schematic
Efficiency vs Output Current
space
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS62153AQRGTRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62153AQRGTRQ1 TI1-TPS62153AQRGTRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
More results

Similar Description - TPS62153AQRGTRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62160 TI1-TPS62160 Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62160 TI1-TPS62160_14 Datasheet
1Mb / 35P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62130A-Q1 TI-TPS62130A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3V to 17-V 3A Step-Down Converter with DCS-Control?
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TPS62170 TI1-TPS62170 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com