Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62150 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS62150
Description  TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm3-mm QFN Package
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62150 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62150_15 Datasheet HTML 6Page - Texas Instruments TPS62150_15 Datasheet HTML 7Page - Texas Instruments TPS62150_15 Datasheet HTML 8Page - Texas Instruments TPS62150_15 Datasheet HTML 9Page - Texas Instruments TPS62150_15 Datasheet HTML 10Page - Texas Instruments TPS62150_15 Datasheet HTML 11Page - Texas Instruments TPS62150_15 Datasheet HTML 12Page - Texas Instruments TPS62150_15 Datasheet HTML 13Page - Texas Instruments TPS62150_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
TPS62150, TPS62150A, TPS62151, TPS62152, TPS62153
SLVSAL5C – NOVEMBER 2011 – REVISED OCTOBER 2015
www.ti.com
Feature Description (continued)
A voltage supplied to SS/TR can be used for tracking a master voltage. The output voltage follows this voltage in
both directions, up and down (see Application and Implementation).
8.3.3 Power Good (PG)
The TPS6215x has a built-in power-good (PG) function to indicate whether the output voltage has reached its
appropriate level or not. One use of the PG signal can be for start-up sequencing of multiple rails. The PG pin is
an open-drain output that requires a pullup resistor (to any voltage below 7 V). It can sink 2 mA of current and
maintain its specified logic-low level. It features PG = Low when EN, UVLO, or thermal shutdown turns the
device off and can actively discharge Vout (see Figure 39). VIN must remain present for the PG pin to stay Low.
8.3.4 Pin-Selectable Output Voltage (DEF)
Setting the DEF pin to High increases the output voltage of the TPS62150x devices by 5% above the nominal
voltage (1). When DEF is Low, the device regulates to the nominal output voltage. Increasing the nominal voltage
allows adapting the power supply voltage to the variations of the application hardware. More detailed information
on voltage margining using the TPS62150x device is in SLVA489. The pin has an internally connected pulldown
resistor of about 400 k
Ω to ensure a proper logic level if the pin is high-impedance or floating after an initially Low
setting. Setting the pin High disconnects the resistor.
8.3.5 Frequency Selection (FSW)
To get high power density with a very small solution size, a high switching frequency allows the use of small
external components for the output filter. However, switching losses increase with the switching frequency. If
efficiency is the key parameter, more than solution size, the switching frequency can be set to half (1.25 MHz
typical) by pulling FSW to High. It is mandatory to start with FSW = Low to limit inrush current, which connecting
FSW to VOUT or PG can accomplish. Running with lower frequency produces higher efficiency, but also creates
higher output-voltage ripple. Pull FSW to Low for high-frequency operation (2.5 MHz typical). To get low ripple
and full output current at the lower switching frequency, the recommended minimum inductor value is 2.2 µH. An
application can change the switching frequency during operation, if needed. An internally connected pulldown
resistor of about 400 k
Ω on this pin acts the same way as one on the DEF pin (see Pin-Selectable Output
Voltage (DEF)).
8.3.6 Undervoltage Lockout (UVLO)
If the input voltage drops, the undervoltage lockout prevents faulty operation of the device by switching off both
the power FETs. The typical undervoltage-lockout threshold setting is 2.7 V. The device is fully operational for
voltages above the UVLO threshold and turns off if the input voltage trips the threshold. The converter starts
operation again once the input voltage exceeds the threshold by a hysteresis of typically 200 mV.
8.3.7 Thermal Shutdown
An internal temperature sensor monitors the junction temperature (TJ) of the device. If TJ exceeds 160°C (typ),
the device goes into thermal shutdown. Both the high-side and low-side power FETs turn off and PG goes into
the high-impedance state. When TJ decreases below the hysteresis level, the converter resumes normal
operation, beginning with soft start. To avoid unstable conditions, the device implements a hysteresis of typically
20°C on the thermal shutdown temperature.
8.4 Device Functional Modes
8.4.1 Pulse-Width Modulation (PWM) Operation
The TPS6215x operates using pulse-width modulation in continuous-conduction mode (CCM) with a nominal
switching frequency of 2.5 MHz or 1.25 MHz, selectable with the FSW pin. The frequency variation in the PWM
mode is controlled and depends on VIN, VOUT, and the inductance. The device operates in PWM mode as long
the output current is higher than half the inductor ripple current. To maintain high efficiency at light loads, the
device enters power-save mode at the boundary of discontinuous conduction mode (DCM). This happens if the
output current becomes smaller than half the inductor ripple current.
(1)
Maximum allowed voltage is 7 V. Therefore,the recommended connection for DEF is to VOUT, not VIN.
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS62150 TPS62150A TPS62151 TPS62152 TPS62153


Similar Part No. - TPS62150_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62150 TI1-TPS62150_13 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
More results

Similar Description - TPS62150_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
TPS62140 TI-TPS62140_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6214x 3-V to 17-V 2-A Step-Down Converter in 3 횞 3 QFN Package
TPS62140 TI-TPS62140_13 Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
TPS62825 TI1-TPS62825_18 Datasheet
1Mb / 24P
[Old version datasheet]   2-, 3-A Step-Down Converter with 1% Output Accuracy in 1.5-mm 횞 1.5-mm QFN Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS62816-Q1 TI-TPS62816-Q1 Datasheet
7Mb / 40P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
TPS62816-Q1 TI-TPS62816-Q1_V01 Datasheet
8Mb / 41P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
DECEMBER 2021
TPS62825 TI-TPS62825_V01 Datasheet
2Mb / 33P
[Old version datasheet]   TPS6282x 2.4-V to 5.5-V Input, 1-, 2-, 3-, 4-A Step-down Converter with 1% Output Accuracy in 1.5-mm 횞 1.5-mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com