Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62130A-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS62130A-Q1
Description  TPS6213xA-Q1 3V to 17-V 3A Step-Down Converter with DCS-Control?
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62130A-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62130A-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS62130A-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS62130A-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS62130A-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS62130A-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS62130A-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS62130A-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS62130A-Q1_15 Datasheet HTML 12Page - Texas Instruments TPS62130A-Q1_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
control logic
Soft
start
Thermal
Shtdwn
UVLO
PG control
power
control
error
amplifier
gate
drive
HS lim
LS lim
PVIN
PVIN
AVIN
PG
PGND
PGND
AGND
comp
comp
+
_
timer tON
DCS - Control
TM
direct control
&
compensation
comparator
ramp
SW
SW
SW
EN
*
SS/TR
DEF
*
LOG
VOS
FB
* This pin is connected to a pull down resistor internally
(see Detailed Description section).
TPS62130A-Q1, TPS62133A-Q1
www.ti.com
SLVSCC2 – MAY 2014
10 Detailed Description
10.1 Overview
The TPS6213xA-Q1 synchronous switched mode power converter is based on DCS-Control™ (Direct Control
with Seamless Transition into Power Save Mode), an advanced regulation topology, that combines the
advantages of hysteretic, voltage mode and current mode control including an AC loop directly associated to the
output voltage. This control loop takes information about output voltage changes and feeds it directly to a fast
comparator stage. It sets the switching frequency, which is constant for steady state operating conditions, and
provides immediate response to dynamic load changes. To get accurate DC load regulation, a voltage feedback
loop is used. The internally compensated regulation network achieves fast and stable operation with small
external components and low ESR capacitors.
The DCS-ControlTM topology supports PWM (Pulse Width Modulation) mode for medium and heavy load conditions
and a Power Save Mode at light loads. During PWM, it operates at its nominal switching frequency in continuous
conduction mode. This frequency is typically about 2.5MHz with a controlled frequency variation depending on
the input voltage. If the load current decreases, the converter enters Power Save Mode to sustain high efficiency
down to very light loads. In Power Save Mode the switching frequency decreases linearly with the load current.
Since DCS-ControlTM supports both operation modes within one single building block, the transition from PWM to
Power Save Mode is seamless without effects on the output voltage.
10.2 Functional Block Diagram
Figure 16. TPS62130A-Q1 (Adjustable Output Voltage)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS62130A-Q1 TPS62133A-Q1


Similar Part No. - TPS62130A-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
More results

Similar Description - TPS62130A-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62150A-Q1 TI-TPS62150A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6215xA-Q1 3V to 17-V 1A Step-Down Converter with DCS-ControlTM
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com