Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62110 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS62110
Description  TPS6211x 17-V, 1.5-A, Synchronous Step-Down Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62110 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62110_15 Datasheet HTML 3Page - Texas Instruments TPS62110_15 Datasheet HTML 4Page - Texas Instruments TPS62110_15 Datasheet HTML 5Page - Texas Instruments TPS62110_15 Datasheet HTML 6Page - Texas Instruments TPS62110_15 Datasheet HTML 7Page - Texas Instruments TPS62110_15 Datasheet HTML 8Page - Texas Instruments TPS62110_15 Datasheet HTML 9Page - Texas Instruments TPS62110_15 Datasheet HTML 10Page - Texas Instruments TPS62110_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
TPS62110, TPS62111, TPS62112, TPS62113
www.ti.com
SLVS585E – JULY 2005 – REVISED JUNE 2015
Electrical Characteristics (continued)
VI = 12 V, VO = 3.3 V, IO = 600 mA, EN = VI, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OSCILLATOR
fS
Oscillator frequency
900
1000
1100
kHz
f(SYNC)
Synchronization range
CMOS-logic clock signal on SYNC pin
800
1400
kHz
VIH
SYNC high-level input voltage
1.5
V
VIL
SYNC low-level input voltage
0.3
V
Ilkg
SYNC input leakage current
SYNC = GND or VIN
0.01
0.2
µA
SYNC trip-point hysteresis
170
mV
Ilkg
SYNC input leakage current
0.6 V
≤ V(SYNC) ≤ 4 V
10
20
µA
Duty cycle of external clock signal
30%
90%
OUTPUT
TPS62110
VO
Adjustable output voltage range
1.153
16
V
TPS62113
TPS62110
VFB
Feedback voltage
1.153
V
TPS62113
TPS62110
Ilkg
FB input leakage current
10
100
nA
TPS62113
TPS62110 VI = 3.1 V to 17 V;
Feedback voltage tolerance
–2%
2%
TPS62113 0 mA < IO < 1500 mA
(2)
VI = 3.8 V to 17 V;
TPS62111
–3%
3%
0 mA < IO < 1500 mA
(2)
Fixed output voltage tolerance(3)
VI = 5.5 V to 17 V;
TPS62112
–3%
3%
0 mA < IO < 1500 mA
(2)
VI ≥ 3 V (once undervoltage lockout
100
voltage exceeded)
VI ≥ 3.5 V
500
IO
Maximum output current
mA
VI ≥ 4.3 V
1200
VI ≥ 6 V
1500
Current into internal voltage divider for
5
µA
fixed voltage versions
VI = 7.2 V; VO = 3.3 V; IO = 600 mA
η
Efficiency
92%
VI = 12 V, Vo = 5 V, Io = 600 mA
Duty-cycle range for main switches
at 1 MHz
10%
100%
Minimum ton time for main switch
100
ns
TSD
Shutdown temperature
145
°C
Start-up time
IO = 800 mA, VI = 12 V, Vo = 3.3 V
1
ms
(2)
The maximum output current depends on the input voltage. See the maximum output current for further restrictions on the minimum
input voltage.
(3)
The output voltage accuracy includes line and load regulation over the full temperature range TA = –40°C to 85°C. See No-Load
Operation.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS62110 TPS62111 TPS62112 TPS62113


Similar Part No. - TPS62110_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62110-EP TI1-TPS62110-EP Datasheet
797Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP_16 Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-HT TI1-TPS62110-HT Datasheet
700Kb / 25P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-Q1 TI1-TPS62110-Q1 Datasheet
759Kb / 24P
[Old version datasheet]   17-V 1.5-A SYNCHRONOUS STEP-DOWN CONVERTER
More results

Similar Description - TPS62110_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62110-Q1 TI1-TPS62110-Q1 Datasheet
759Kb / 24P
[Old version datasheet]   17-V 1.5-A SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110 TI-TPS62110 Datasheet
960Kb / 28P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP_16 Datasheet
1,018Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-EP TI1-TPS62110-EP Datasheet
797Kb / 25P
[Old version datasheet]   17 V, 1.5 A, SYNCHRONOUS STEP-DOWN CONVERTER
TPS62110-HT TI1-TPS62110-HT Datasheet
700Kb / 25P
[Old version datasheet]   17-V, 1.5-A, SYNCHRONOUS STEP-DOWN CONVERTER
LMR36015-Q1 TI1-LMR36015-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   4.2-V to 60-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23615-Q1 TI1-LMR23615-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com