Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62103DG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS62103DG4
Description  MULTIMODE LOW-POWER BUCK CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62103DG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62103DG4 Datasheet HTML 3Page - Texas Instruments TPS62103DG4 Datasheet HTML 4Page - Texas Instruments TPS62103DG4 Datasheet HTML 5Page - Texas Instruments TPS62103DG4 Datasheet HTML 6Page - Texas Instruments TPS62103DG4 Datasheet HTML 7Page - Texas Instruments TPS62103DG4 Datasheet HTML 8Page - Texas Instruments TPS62103DG4 Datasheet HTML 9Page - Texas Instruments TPS62103DG4 Datasheet HTML 10Page - Texas Instruments TPS62103DG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TPS62100, TPS62101, TPS62102, TPS62103
MULTIMODE LOW POWER BUCK CONVERTER
SLUS446B – MAY 2000 – REVISED DECEMBER 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
forced variable frequency (MODE = low)
In this mode, the chip behaves like a 100-mA current source that is turned on and off as the output voltage falls
below or rises above predetermined thresholds. These thresholds are located approximately 1.9% above and
below the nominal output voltage. For instance, if the nominal output is 3.3 V, then the on and off thresholds
are approximately 3.237 V and 3.363 V, respectively. The operational sequence is as follows:
1.
As the output voltage falls below the turn-on threshold, the chip enters a burst period, and the buck switch
is turned on.
2.
When the current in the buck switch rises to 200 mA, the switch is turned off and the synchronous rectifier
is turned on to pass the freewheel current.
3.
As the current in the synchronous rectifier decays to zero, it is turned off and the buck switch is again turned
on, continuing at step 2.
4.
When the output voltage rises above the turn-off threshold, the buck switch is immediately turned off and
the synchronous rectifier is turned on to handle the last cycle of free wheel current. The chip is also taken
out of its burst period and remains dormant until the output voltage falls below the turn-on threshold, at which
point operation continues at step 1.
The reason for limiting the current to 200 mA is to place a limit on the amount of overshoot that can occur from
charging the inductor up with a large current and having a relatively small output capacitance available to absorb
the energy stored.
In this mode, the error amplifier is not used and is essentially turned off, and its output is disconnected from the
COMP pin. The FB pin is connected to two comparators, which generate the internal signals that put the chip
into and out of a burst interval. The threshold levels, referenced to the FB pin, are 0.815 V and 0.785 V (off and
on). Also, the largest load current that can be supplied by the converter operating in this mode is 100 mA.
Sustained load currents greater than 100 mA deplete the energy in the output storage capacitor and cause the
output voltage to fall.


Similar Part No. - TPS62103DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62103D TI-TPS62103D Datasheet
358Kb / 23P
[Old version datasheet]   MULTIMODE LOW POWER BUCK CONVERTER
More results

Similar Description - TPS62103DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62100 TI-TPS62100 Datasheet
358Kb / 23P
[Old version datasheet]   MULTIMODE LOW POWER BUCK CONVERTER
logo
Diodes Incorporated
AL17051 DIODES-AL17051 Datasheet
969Kb / 16P
   ULTRA-LOW STANDBY POWER HV BUCK CONVERTER
Rev. 2 - 2 October 2022
logo
Rohm
BD70522GUL ROHM-BD70522GUL Datasheet
2Mb / 28P
   Ultra Low Iq Buck Converter
logo
PREMA Semiconductor.
PR4103 PREMA-PR4103 Datasheet
416Kb / 8P
   High Power LED Buck Converter
logo
Texas Instruments
TPS63710 TI1-TPS63710 Datasheet
2Mb / 36P
[Old version datasheet]   Low Noise Synchronous Inverting Buck Converter
logo
Analog Intergrations Co...
AN012 AIC-AN012 Datasheet
340Kb / 7P
   Buck Converter
AN021 AIC-AN021 Datasheet
340Kb / 7P
   Buck Converter
logo
Infineon Technologies A...
IPU14N03L INFINEON-IPU14N03L Datasheet
109Kb / 8P
   OptiMOS Power-Transistor Buck converter series
2002-03-04
logo
Cypress Semiconductor
MB39C022G CYPRESS-MB39C022G Datasheet
809Kb / 29P
   Buck DC/DC Converter Low Noise LDO
logo
Major-Power Technology ...
MA5006 MPOWER-MA5006 Datasheet
249Kb / 2P
   1A, 1.2MHz Low Noise Sync. Buck Converter
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com