Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62101DG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62101DG4
Description  MULTIMODE LOW-POWER BUCK CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62101DG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS62101DG4 Datasheet HTML 1Page - Texas Instruments TPS62101DG4 Datasheet HTML 2Page - Texas Instruments TPS62101DG4 Datasheet HTML 3Page - Texas Instruments TPS62101DG4 Datasheet HTML 4Page - Texas Instruments TPS62101DG4 Datasheet HTML 5Page - Texas Instruments TPS62101DG4 Datasheet HTML 6Page - Texas Instruments TPS62101DG4 Datasheet HTML 7Page - Texas Instruments TPS62101DG4 Datasheet HTML 8Page - Texas Instruments TPS62101DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPS62100, TPS62101, TPS62102, TPS62103
MULTIMODE LOW POWER BUCK CONVERTER
SLUS446B – MAY 2000 – REVISED DECEMBER 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†‡
VIN input supply voltage
–0.3 V to 10 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SD/SYNC input voltage
–0.3 V to VIN + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
MODE input voltage
–0.3 V to VIN + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
COMP input voltage
–0.3 V to 10 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SW output voltage
–0.3 V to VIN + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SW output current
1.6 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature
–40
°C to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature
–65
°C to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ Unless otherwise noted, voltages are reference to ground and currents are positive into and negative out of the specified terminals. Pulsed is
defined as a less than 10% duty cycle with a maximum duration of 500
µs. Consult the Packaging Section of the Portable Products Data Book
(TI Literature No. SLUD001) for thermal limitations and considerations of the package.
recommended operating conditions
MIN
MAX
UNIT
Input voltage, VIN, SD/SYNC, MODE
9
V
Regulated output voltage
8
V
Average output current, IOUTw
500
mA
Operating junction temperature, TJw
–40
85
°C
§ It is not recommended that the device operate under conditions beyond those specified in this table for extended periods of time.
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
COMP
5
O
Output of the error amplifier. The loop compensation network connects between this pin and FB. When the
converter enters the light-load mode, this pin goes into a high-impedance state..
FB
6
I
Feedback voltage input. In the constant-frequency mode, the output duty cycle is varied to keep this pin at
800 mV. In light-load mode, this pin is kept between 785 mV and 815 mV. If this pin falls below 770 mV while
the converter is in auto mode and light-load mode, the converter re-enters the constant-frequency mode.
AGND
4
Reference point for the internal reference and all thresholds, as well as the return for the remainder of the
device.
MODE
3
I
This pin allows the user to program the IC into one of three operating modes. Driving the pin high forces the
converter into the constant-frequency mode. Driving the pin low forces it into the low-power mode. Letting the
pin float puts the converter into the auto mode.
PGND
7
Return for all high-level currents.
SD/SYNC
2
I
This dual function pin serves as the SYNC and SHUTDOWN input. To synchronize the internal clock, this pin
must be driven from 0 V to 2 V. The clock syncs on the rising edge of the input pulse. To shutdown the con-
verter, this pin must be driven high for more than 20
µs.
SW
8
O
This is the PWM power output of the converter and is connected to an L-C (inductor-capacitor) filter and a
Schottky catch diode.
VIN
1
I
Input to the converter.


Similar Part No. - TPS62101DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62101D TI-TPS62101D Datasheet
358Kb / 23P
[Old version datasheet]   MULTIMODE LOW POWER BUCK CONVERTER
More results

Similar Description - TPS62101DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62100 TI-TPS62100 Datasheet
358Kb / 23P
[Old version datasheet]   MULTIMODE LOW POWER BUCK CONVERTER
logo
Diodes Incorporated
AL17051 DIODES-AL17051 Datasheet
969Kb / 16P
   ULTRA-LOW STANDBY POWER HV BUCK CONVERTER
Rev. 2 - 2 October 2022
logo
Rohm
BD70522GUL ROHM-BD70522GUL Datasheet
2Mb / 28P
   Ultra Low Iq Buck Converter
logo
PREMA Semiconductor.
PR4103 PREMA-PR4103 Datasheet
416Kb / 8P
   High Power LED Buck Converter
logo
Texas Instruments
TPS63710 TI1-TPS63710 Datasheet
2Mb / 36P
[Old version datasheet]   Low Noise Synchronous Inverting Buck Converter
logo
Analog Intergrations Co...
AN012 AIC-AN012 Datasheet
340Kb / 7P
   Buck Converter
AN021 AIC-AN021 Datasheet
340Kb / 7P
   Buck Converter
logo
Infineon Technologies A...
IPU14N03L INFINEON-IPU14N03L Datasheet
109Kb / 8P
   OptiMOS Power-Transistor Buck converter series
2002-03-04
logo
Cypress Semiconductor
MB39C022G CYPRESS-MB39C022G Datasheet
809Kb / 29P
   Buck DC/DC Converter Low Noise LDO
logo
Major-Power Technology ...
MA5006 MPOWER-MA5006 Datasheet
249Kb / 2P
   1A, 1.2MHz Low Noise Sync. Buck Converter
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com