Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX426C13PBK4-32 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HX426C13PBK4-32
Description  DDR4-2666 CL13 288-Pin DIMM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HX426C13PBK4-32 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HX426C13PBK4-32 Datasheet HTML 1Page - List of Unclassifed Manufacturers HX426C13PBK4-32 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document No. 4807265-001.B00
Page 2
continued
HyperX
FOR MORE INFORMATION, GO TO WWW.KINGSTON.COM/HYPERX
kingston.com/hyperx
All Kingston products are tested to meet our published specifications. Some motherboards or system configurations may not operate at the
published HyperX memory speeds and timing settings. Kingston does not recommend that any user attempt to run their computers faster than
the published speed. Overclocking or modifying your system timing may result in damage to computer components.
MODULE DIMENSIONS
3.35
Detail E
2.10±
±
0.15
64.60
56.10
133.35
129.55
Detail A
3.00
28.90
Pin 35
Pin 47
Pin 1
22.95
Pin 105
Pin 117
Detail B
Detail D
Detail C
MODULE WITH HEAT SPREADER
8.12 mm
133.35 mm


Similar Part No. - HX426C13PBK4-32

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX426C13PB2K4-16 ETC2-HX426C13PB2K4-16 Datasheet
394Kb / 2P
   DDR4-2666 CL13 288-Pin DIMM
More results

Similar Description - HX426C13PBK4-32

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX426C13PB2K4-16 ETC2-HX426C13PB2K4-16 Datasheet
394Kb / 2P
   DDR4-2666 CL13 288-Pin DIMM
HX426C13SB-4 ETC2-HX426C13SB-4 Datasheet
321Kb / 2P
   DDR4-2666 CL13 288-Pin DIMM
HX426C13SB-8 ETC2-HX426C13SB-8 Datasheet
320Kb / 2P
   DDR4-2666 CL13 288-Pin DIMM
HX426C13SBK2-8 ETC2-HX426C13SBK2-8 Datasheet
321Kb / 2P
   DDR4-2666 CL13 288-Pin DIMM Kit
HX426C13SBK4-32 ETC2-HX426C13SBK4-32 Datasheet
320Kb / 2P
   DDR4-2666 CL13 288-Pin DIMM Kit
HX426C13SBK2-16 ETC2-HX426C13SBK2-16 Datasheet
320Kb / 2P
   DDR4-2666 CL13 288-Pin DIMM Kit
HX426C13SBK4-16 ETC2-HX426C13SBK4-16 Datasheet
321Kb / 2P
   DDR4-2666 CL13 288-Pin DIMM Kit
HX424C12PBK4-32 ETC2-HX424C12PBK4-32 Datasheet
393Kb / 2P
   DDR4-2400 CL13 288-Pin DIMM
HX426C15FBK4-16 ETC2-HX426C15FBK4-16 Datasheet
356Kb / 2P
   DDR4-2666 CL15 288-Pin DIMM
HX421C13PBK4-32 ETC2-HX421C13PBK4-32 Datasheet
393Kb / 2P
   DDR4-2133 CL13 288-Pin DIMM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com