Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53248 Datasheet(PDF) 5 Page - Micropac Industries

Part # 53248
Description  28 VDC SOLID STATE POWER CONTROLLER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53248 Datasheet(HTML) 5 Page - Micropac Industries

  53248 Datasheet HTML 1Page - Micropac Industries 53248 Datasheet HTML 2Page - Micropac Industries 53248 Datasheet HTML 3Page - Micropac Industries 53248 Datasheet HTML 4Page - Micropac Industries 53248 Datasheet HTML 5Page - Micropac Industries 53248 Datasheet HTML 6Page - Micropac Industries 53248 Datasheet HTML 7Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
05/16/01
PRELIMINARY DATA SHEET
53248
28 VDC SOLID STATE HIGH SIDE SELF-PROTECTED POWER CONTROLLER
APPLICATION INFORMATION
The cable harness occupies an important position in the total network to be protected. The wide variety and in
some cases considerable length and packing density used makes them particularly susceptible to persistent
overloads and overheating. The maximum current carrying capacity of a cable depends on its resistance, type of
insulation material and the ambient temperature. A cable, including insulation, generally consists of at least two
materials with different thermal capacitance and thermal resistance. The maximum temperatures of most cables
are at least +150°C (depending on the insulation properties) which is very close to the maximum junction
temperature of the SSPC (Shutdown). Since under overcurrent or short circuit conditions, the unit resistance per
unit length for the cable is much less than the RDS of the SSPC, the unit heating will also be much less. Under
these conditions, it is apparent that the SSPC can adequately protect properly selected cabling.
The following formulas provide methods for calculating the primary parameters.
Trip Current
Itrip = {(Tj max – Ta)/[R θja ][RON (Tj max)]}
1/2
Tj max
= Maximum Trip Temperature
R θja
= Thermal Resistance, Junction to Ambient
Ta
= Ambient Temperature
RON (Tj max) = On-state resistance at Trip Temperature
On-state Resistance
RON(T) = {(Y2 – Y1)T2 + (300)(Y2 – Y1)T + (67500)Y1 – (8125)Y2} / 59375
Y1 = RON at +25°C
Y2 = RON at +150°C
T = Tj at temperature of interest in °C
With the above information, the temperature and current trip can be determined based upon the type of mounting
chosen and the ambient temperatures of operation.
Precaution
When a short circuit causes turn-off of the SSPC, precautions must be taken to limit transient voltages generated by
any inductance in the load. External protection is recommended, either across the switch or across the load, should
the application result in energies beyond this level.


Similar Part No. - 53248

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53248-102 MICROPAC-53248-102 Datasheet
145Kb / 6P
   28 VDC SOLID STATE POWER CONTROLLER
More results

Similar Description - 53248

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53248-102 MICROPAC-53248-102 Datasheet
145Kb / 6P
   28 VDC SOLID STATE POWER CONTROLLER
53278 MICROPAC-53278 Datasheet
175Kb / 7P
   28 V HIGH SIDE LATCHING SOLID-STATE POWER CONTROLLER
logo
Sensitron
SPD-7D28 SENSITRON-SPD-7D28 Datasheet
85Kb / 4P
   Solid State Power Controller Module
logo
Micropac Industries
53502 MICROPAC-53502 Datasheet
203Kb / 9P
   LATCHING SOLID STATE POWER CONTROLLER
53225 MICROPAC-53225 Datasheet
116Kb / 5P
   SOLID-STATE POWER CONTROLLER (SSPC)
logo
Sensitron
SPDXXD28 SENSITRON-SPDXXD28 Datasheet
501Kb / 11P
   DC Solid State Power Controller Module
SPDP50D375-503 SENSITRON-SPDP50D375-503 Datasheet
263Kb / 10P
   DC Solid State Power Controller Module
SPDPXXD270 SENSITRON-SPDPXXD270 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDP50D375 SENSITRON-SPDP50D375 Datasheet
253Kb / 10P
   DC Solid State Power Controller Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com