Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53248 Datasheet(PDF) 4 Page - Micropac Industries

Part # 53248
Description  28 VDC SOLID STATE POWER CONTROLLER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53248 Datasheet(HTML) 4 Page - Micropac Industries

  53248 Datasheet HTML 1Page - Micropac Industries 53248 Datasheet HTML 2Page - Micropac Industries 53248 Datasheet HTML 3Page - Micropac Industries 53248 Datasheet HTML 4Page - Micropac Industries 53248 Datasheet HTML 5Page - Micropac Industries 53248 Datasheet HTML 6Page - Micropac Industries 53248 Datasheet HTML 7Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
05/16/01
PRELIMINARY DATA SHEET
53248
28 VDC SOLID STATE HIGH SIDE SELF-PROTECTED POWER CONTROLLER
FUNCTIONAL DESCRIPTION
The 53248 SSPC is a fully protected switch that offers a wide range of features. These include overvoltage and
undervoltage shutdown with automatic reset, overcurrent and short circuit protection provided by temperature
sensing with automatic reset when temperature drops to safe levels, built in transient protection and fully optically
isolated control and status lines. The overcurrent and short circuit protection are achieved through the
temperature-sensing feature of the controller. Overcurrent is sensed through the increasing RDS(ON) causing
increase power dissipation in the pass element, which additionally causes a further increase in RDS(ON). As
junction temperature approaches +150°C, drive to the pass element is decreased, causing VDS to increase. When
the pass element temperature is between +150°C and +175°C, the drive to the pass element is removed and
current flow ceases. When the temperature is reduced approximately 10°C the device will resume operations.
This will continue until the overcurrent/short circuit is removed or the control is turned off. Status will indicate the
overcurrent condition until the fault is removed.
Peak Current Limits vs. Junction Temperature*
Overvoltage and Undervoltage Limits
Junction Temperature
Min
Typ
Max
Unit
Overvoltage
+34 VDC to +43 VDC
-40°C
48
56
65
A
Undervoltage
+3.4 VDC to +5.0 VDC
+25°C
40
50
58
A
Overvoltage hysteresis
Typical +1.0 VDC
+150°C
31
37
45
A
Undervoltage hysteresis
Typical +0.5 VDC
(Tj = –40°C to +150°C)
*Peak Duration - Typical Waveform
Short Circuit Protection:
Short-While-On Peak Duration @ 25°C
-10
0
10
20
30
40
50
60
70
-20
0
20
40
60
80
100
Time (ms)


Similar Part No. - 53248

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53248-102 MICROPAC-53248-102 Datasheet
145Kb / 6P
   28 VDC SOLID STATE POWER CONTROLLER
More results

Similar Description - 53248

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53248-102 MICROPAC-53248-102 Datasheet
145Kb / 6P
   28 VDC SOLID STATE POWER CONTROLLER
53278 MICROPAC-53278 Datasheet
175Kb / 7P
   28 V HIGH SIDE LATCHING SOLID-STATE POWER CONTROLLER
logo
Sensitron
SPD-7D28 SENSITRON-SPD-7D28 Datasheet
85Kb / 4P
   Solid State Power Controller Module
logo
Micropac Industries
53502 MICROPAC-53502 Datasheet
203Kb / 9P
   LATCHING SOLID STATE POWER CONTROLLER
53225 MICROPAC-53225 Datasheet
116Kb / 5P
   SOLID-STATE POWER CONTROLLER (SSPC)
logo
Sensitron
SPDXXD28 SENSITRON-SPDXXD28 Datasheet
501Kb / 11P
   DC Solid State Power Controller Module
SPDP50D375-503 SENSITRON-SPDP50D375-503 Datasheet
263Kb / 10P
   DC Solid State Power Controller Module
SPDPXXD270 SENSITRON-SPDPXXD270 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDP50D375 SENSITRON-SPDP50D375 Datasheet
253Kb / 10P
   DC Solid State Power Controller Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com