Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTV12010L Datasheet(PDF) 10 Page - Texas Instruments

Part # PTV12010L
Description  8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTV12010L Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTV12010L_15 Datasheet HTML 6Page - Texas Instruments PTV12010L_15 Datasheet HTML 7Page - Texas Instruments PTV12010L_15 Datasheet HTML 8Page - Texas Instruments PTV12010L_15 Datasheet HTML 9Page - Texas Instruments PTV12010L_15 Datasheet HTML 10Page - Texas Instruments PTV12010L_15 Datasheet HTML 11Page - Texas Instruments PTV12010L_15 Datasheet HTML 12Page - Texas Instruments PTV12010L_15 Datasheet HTML 13Page - Texas Instruments PTV12010L_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
www.ti.com
Capacitor Recommendations for the PTV12010 Series of Power Modules
Input Capacitors
Output Capacitor (Optional)
Ceramic Capacitors
Tantalum Capacitors
PTV12010L
PTV12010W
SLTS234B – DECEMBER 2004 – REVISED FEBRUARY 2007
The required input capacitors are a combination of a 10-µF X5R/X7R ceramic, and a 100-µF electrolytic type.
When VO > 3 V the 100-µF electrolyitc capacitance must be rated for 700 mArms ripple current capability. For
VO ≤ 3 V, the ripple current rating must be at least 450 mArms. Where applicable, Table 4 gives the maximum
output voltage and current limits for a capacitor's rms ripple current rating. The ripple current requirements for
the electrolytic capacitance are conditional that the 10-µF ceramic capacitor is present.
The 10-µF ceramic capacitor is necessary to reduce both the magnitude of ripple current through the electroytic
capacitor and the amount of ripple current reflected back to the input source. Ceramic capacitors should be
located within 0.5 in. (1,3 cm) of the module input pins. Additional ceramic capacitors can be added to reduce
the RMS ripple current requirement for the electrolytic capacitor.
Ripple current (Arms) rating, less than 100 m
Ω of equivalent series resistance (ESR), and temperature are the
major considerations when selecting input capacitors. Regular tantalum capacitors have a recommended
minimum voltage rating of 2 × (max. dc voltage + ac ripple). This is standard practice to ensure reliability. Only a
few tantalum capacitors were found to have sufficient voltage rating to meet this requirement. At temperatures
below 0°C, the ESR of aluminum electrolytic capacitors increases. For these applications Os-Con,
polymer-tantalum, and polymer-aluminum types should be considered.
For applications with load transients (sudden changes in load current), regulator response benefits from external
output capacitance. The optional value defined is only required to meet the transient response specification. For
most applications, a high-quality computer-grade aluminum electrolytic capacitor is adequate. These capacitors
provide decoupling over the frequency range, 2 kHz to 150 kHz, and are suitable when ambient temperatures
are above 0°C. For operation below 0°C, tantalum, ceramic, or Os-Con type capacitors are recommended.
When using one or more nonceramic capacitors, the calculated equivalent ESR should be no lower than 4 m
(7 m
Ω using the manufacturer's maximum ESR for a single capacitor). A list of preferred low-ESR type
capacitors are identified in Table 4.
In addition to electrolytic capacitance, adding a 10–µF ceramic capacitor across the output will further reduce the
output ripple voltage and improve the regulator's transient response. The measurement of both the output ripple
and transient response is also best achieved across a 10–µF ceramic capacitor.
Above 150 kHz, the performance of aluminum electrolytic capacitors is less effective. Multilayer ceramic
capacitors have low ESR and a resonant frequency higher than the bandwidth of the regulator. They are
recommended to reduce the reflected ripple current at the input as well as improve the transient response of the
output. When used on the output their combined ESR is not critical as long as the total value of ceramic
capacitance does not exceed approximately 300 µF. Also, to prevent the formation of local resonances, do not
place more than five identical ceramic capacitors in parallel with values of 10 µF or greater.
Tantalum-type capacitors can only be used on the output bus, and are recommended for applications where the
ambient operating temperature can be less than 0°C. The AVX TPS, Sprague 593D/594/595 and Kemet
T495/T510 capacitor series are suggested over many other tantalum types due to their higher rated surge,
power dissipation, and ripple current capability. As a caution, many general-purpose tantalum capacitors have
considerably higher ESR, reduced power dissipation and lower ripple current capability. These capacitors are
also less reliable as they have reduced power dissipation and surge current ratings. Tantalum capacitors that
have no stated ESR or surge current rating are not recommended for power applications.
When specifying Os-con and polymer tantalum capacitors for the output, the minimum ESR limit is encountered
before the maximum capacitance value is reached.
10
Submit Documentation Feedback


Similar Part No. - PTV12010L_15

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
PTV12010LAD EMERSON-NETWORKPOWER-PTV12010LAD Datasheet
236Kb / 5P
   DC-DC CONVERTERS
logo
Texas Instruments
PTV12010LAH TI-PTV12010LAH Datasheet
377Kb / 20P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
logo
Emerson Network Power
PTV12010LAH EMERSON-NETWORKPOWER-PTV12010LAH Datasheet
236Kb / 5P
   DC-DC CONVERTERS
More results

Similar Description - PTV12010L_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTV12010L TI-PTV12010L Datasheet
377Kb / 20P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010W TI-PTV12010W_15 Datasheet
349Kb / 22P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12020W TI-PTV12020W Datasheet
439Kb / 22P
[Old version datasheet]   16-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03010W TI-PTV03010W_15 Datasheet
348Kb / 19P
[Old version datasheet]   8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05010W TI-PTV05010W Datasheet
963Kb / 19P
[Old version datasheet]   8-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03010W TI-PTV03010W Datasheet
895Kb / 18P
[Old version datasheet]   8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03020W TI-PTV03020W_15 Datasheet
398Kb / 19P
[Old version datasheet]   18-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05020W TI-PTV05020W Datasheet
812Kb / 17P
[Old version datasheet]   18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05020W TI-PTV05020W_15 Datasheet
456Kb / 20P
[Old version datasheet]   18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTH04040W TI-PTH04040W_15 Datasheet
514Kb / 27P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com