Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTV12010L Datasheet(PDF) 5 Page - Texas Instruments

Part # PTV12010L
Description  8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTV12010L Datasheet(HTML) 5 Page - Texas Instruments

  PTV12010L_15 Datasheet HTML 1Page - Texas Instruments PTV12010L_15 Datasheet HTML 2Page - Texas Instruments PTV12010L_15 Datasheet HTML 3Page - Texas Instruments PTV12010L_15 Datasheet HTML 4Page - Texas Instruments PTV12010L_15 Datasheet HTML 5Page - Texas Instruments PTV12010L_15 Datasheet HTML 6Page - Texas Instruments PTV12010L_15 Datasheet HTML 7Page - Texas Instruments PTV12010L_15 Datasheet HTML 8Page - Texas Instruments PTV12010L_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
PTV12010W Characteristic Data; 1.2 V to 5.5 V(8)(9)
0
1
2
3
50
60
70
80
90
100
IO − Output Current − A
4
5
6
7
8
VO = 1.8 V
VO = 3.3 V
VO = 1.2 V
VO = 5 V
0
10
20
30
40
50
0
2
4
6
8
IO − Output Current − A
VO = 3.3 V
VO = 5 V
VO = 1.2 V
VO = 1.8 V
0
1
2
3
4
5
0
2
4
6
IO − Output Current − A
8
VO = 3.3 V
VO = 1.8 V
VO = 5 V
VO = 1.2 V
20
30
40
50
60
70
80
90
0
2
4
6
IO − Output Current − A
8
400 LFM
100 LFM
Nat conv
200 LFM
VO = 1.8 V
Airflow
20
30
40
50
60
70
80
90
0
2
4
6
IO − Output Current − A
8
200 LFM
100 LFM
Nat conv
400 LFM
VO = 3.3 V
Airflow
20
30
40
50
60
70
80
90
0
2
4
6
IO − Output Current − A
8
400 LFM
100 LFM
Nat conv
200 LFM
VO = 5 V
Airflow
PTV12010L
PTV12010W
SLTS234B – DECEMBER 2004 – REVISED FEBRUARY 2007
EFFICIENCY
OUTPUT VOLTAGE RIPPLE
POWER DISSIPATION
vs
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
OUTPUT CURRENT
Figure 1.
Figure 2.
Figure 3.
TEMPERATURE DERATING
TEMPERATURE DERATING
TEMPERATURE DERATING
vs
vs
vs
OUTPUT CURRENT & AIRFLOW
OUTPUT CURRENT & AIRFLOW
OUTPUT CURRENT & AIRFLOW
Figure 4.
Figure 5.
Figure 6.
(8)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 1, Figure 2, and Figure 3.
(9)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 100 mm x 100 mm double-sided PCB with 2 oz. copper.
Applies to Figure 4, Figure 5, and Figure 6.
5
Submit Documentation Feedback


Similar Part No. - PTV12010L_15

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
PTV12010LAD EMERSON-NETWORKPOWER-PTV12010LAD Datasheet
236Kb / 5P
   DC-DC CONVERTERS
logo
Texas Instruments
PTV12010LAH TI-PTV12010LAH Datasheet
377Kb / 20P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
logo
Emerson Network Power
PTV12010LAH EMERSON-NETWORKPOWER-PTV12010LAH Datasheet
236Kb / 5P
   DC-DC CONVERTERS
More results

Similar Description - PTV12010L_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTV12010L TI-PTV12010L Datasheet
377Kb / 20P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010W TI-PTV12010W_15 Datasheet
349Kb / 22P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12020W TI-PTV12020W Datasheet
439Kb / 22P
[Old version datasheet]   16-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03010W TI-PTV03010W_15 Datasheet
348Kb / 19P
[Old version datasheet]   8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05010W TI-PTV05010W Datasheet
963Kb / 19P
[Old version datasheet]   8-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03010W TI-PTV03010W Datasheet
895Kb / 18P
[Old version datasheet]   8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03020W TI-PTV03020W_15 Datasheet
398Kb / 19P
[Old version datasheet]   18-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05020W TI-PTV05020W Datasheet
812Kb / 17P
[Old version datasheet]   18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05020W TI-PTV05020W_15 Datasheet
456Kb / 20P
[Old version datasheet]   18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTH04040W TI-PTH04040W_15 Datasheet
514Kb / 27P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com